Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6902D Datasheet(PDF) 3 Page - STMicroelectronics

Part # A6902D
Description  Up to 1A step down switching regulator with adjustable current limit for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6902D Datasheet(HTML) 3 Page - STMicroelectronics

  A6902D Datasheet HTML 1Page - STMicroelectronics A6902D Datasheet HTML 2Page - STMicroelectronics A6902D Datasheet HTML 3Page - STMicroelectronics A6902D Datasheet HTML 4Page - STMicroelectronics A6902D Datasheet HTML 5Page - STMicroelectronics A6902D Datasheet HTML 6Page - STMicroelectronics A6902D Datasheet HTML 7Page - STMicroelectronics A6902D Datasheet HTML 8Page - STMicroelectronics A6902D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A6902D
Device summary
3/12
1
Device summary
The A6902D is a complete and simple step down switching regulator with adjustable current
limit. Based on a voltage mode structure it integrates a current error amplifier to have a
constant voltage and constant current control
. By means of an on board current sense
resistor and the availability of the current sense pins (both compatible to Vcc and for Cs-
compatible with GND too) a current limit programming is very simple and accurate.
Moreover constant current control can be used to charge NiMH and NiCd batteries. The
device can be used as a standard DC/DC converter with adjustable current limit (set by
using the external sense resistor). The internal robust P-channel DMOS transistor with a
typical of 250m
Ω assures high efficiency and a minimum dropout even at high output current
level. The internal limiting current (latched function) of typical value of 2.5A protects the
device from accidental output short circuit avoiding dangerous loads damage. If the
temperature of the chip goes higher than a fixed internal threshold (150°C with 20°C
hysteresis), the power stage is turned OFF.
Other protections beside thermal shutdown complete the device for a safe and reliable
application: overvoltage protection, frequency folback overcurrent protection and protection
vs. feedback disconnection. The internal fixed switching frequency of 250kHz, and the SO-8
package pin allow to built an ultra compact DC/ DC converter with a minimum board space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com