Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOS1 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # MOS1
Description  POWER TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOS1 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  MOS1 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOS1 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MOS1 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MOS1 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
POWER TYPE
0.8max.
0.5max
2.5max.
2max.
6±0.5
d
1
A
L
H1
1.6t
P
H2
d
W
.
2
P
2max
d
H
■Secondary Processed Products(mm)
 L Forming
 M Forming
φd
 UCL Forming
168
MOS FixedMetalOxideFilmResistors(Smalltype)
MOSX FixedMetalFilmResistors(Smalltype)
Type
MOS
MOSX
P±1
H
1±1
H
2±1
d
(Nominal)
L max.
Substrate
hole dia
1/2CL10A
10.0
5.3
4.0
0.6
φ0.8
1CL12.5A
12.5
7.0
0.8
φ1.0
1CL15A
15.0
6.5
2CL15A
7.0
17.5
2CL15F
4.5
2CL20A
20.0
9.0
2CL20D
4.8
3CL20A
8.0
3CL20C
10.0
3CL20T
4.0
3CL25A
25.0
7.0
3CL30A
30.0
7.0
5CL30A
8.5
5CL35A
35.0
5.5
Type
MOS
MOSX
P±1
H±1
d
(Nominal)
Substrate
hole dia
1/2CM10C
10.0
3.5
0.6
φ0.8
1/2CM10F
10.0
5.0
0.6
1CM12.5C
12.5
3.5
0.8
φ1.0
1CM12.5D
12.5
4.0
0.8
1CM15F
15.0
5.0
0.8
1CM15J
15.0
6.3
0.8
1CM15S
15.0
11.0
0.8
2CM15C
15.0
3.5
0.8
2CM15E
15.0
4.5
0.8
2CM20D
20.0
4.0
0.8
2CM20U
20.0
13.5
0.8
3CM20E
20.0
4.6
0.8
3CM26E
26.0
4.7
0.8
5CM30U
30.0
13.0
0.8
Type
MOS
MOSX
H1±1
H2±1
H3±1
d
(Nominal) Insertion pitch
Substrate
hole dia
1CUCL
13.0
17.0max.
3.5
0.8
5.0
φ1.0
2CUCL
14.5
18.5max.
3.5
3CUCL
20.0max.
22.0
4.0
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Oct. 2020
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
■Secondary Processed Products(mm)
VTF Radial Taping
φD
P
Insulated Lead
H0
HA
P1
F
F1
φD0
P0
W1
W
Insulated Lead
φD
P
H0
H
A
P1
F
φD0
P0
W1
W
P
T
A
d
B
D
A
Solder pad
Component
169
Various lead forming shapes are available upon request. Please feel free to ask us.
VTP Radial Taping
N Forming
Recommended Pad Dimensions
Breed
MOS/MOSX
Rating
1/2C
1C
2C
2C
Type
VTP
VTP
VTP
VTF
A
6.2±0.5
9.0±10
12.0±1.0
12.0±1.0
φD
2.5±0.5
3.0±0.5
4.0±0.5
4.0±0.5
d(nominal)
0.6
0.65
0.8
F
5.0±0.5
F
1
7.3max.
H
13max.
16max.
22.5max.
22.5max.
H
0
16+1.0/-0
P
12.7±1.0
P
0
12.7±0.3
P
1
3.85±0.7
W
18.0±0.5
W
1
9.0±0.5
φD
0
4.0±0.2
Substrate
hole dia
φ0.8
φ1.0
・The color of insulated lead: Green
・Insertion pitch:5.0mm
Breed
MOS/MOSX
Rating
1C
2C
3C
Type
N14.5TEB
N17TEB
N20TEG
P±1
14.5
17.0
20.0
T±0.5
5.0
6.0
7.5±1.0
A±0.5
4.8
5.8
6.5
d(nominal)
0.8
0.8
0.8
・Need a dedicated nozzle for automatic mounting.
・Please inquire to us before use.
Breed
MOS/MOSX
Rating
1C
2C
3C
Type
N14.5TEB
N17TEB
N20TEG
A
12.5
14.6
17.6
B
16.5
19.4
22.4
C
7.0
8.0
9.5
D
2.0
2.4
2.4
・Please refer to APPENDIX for the packaging specification.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Oct. 2020
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com