Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6036 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N6036
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6036 Datasheet(HTML) 1 Page - STMicroelectronics

  2N6036 Datasheet HTML 1Page - STMicroelectronics 2N6036 Datasheet HTML 2Page - STMicroelectronics 2N6036 Datasheet HTML 3Page - STMicroelectronics 2N6036 Datasheet HTML 4Page - STMicroelectronics 2N6036 Datasheet HTML 5Page - STMicroelectronics 2N6036 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2N6036
2N6039
COMPLEMENTARY SILICON
POWER DARLINGTON TRANSISTORS
s
2N6036 IS A SGS-THOMSON PREFERRED
SALESTYPE
s
COMPLEMENTARY PNP - NPN DEVICES
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATIONS
s
GENERAL PURPOSE SWITCHING
s
GENERAL PURPOSE AMPLIFIER
DESCRIPTION
The 2N6036 and 2N6039 are complementary
silicon power Darlington transistors mounted in
Jedec SOT-32 plastic package.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
PNP
2N6036
NPN
2N6039
VCBO
Collector-Base Voltage (IE =0)
80
V
VCEO
Collector-Emit ter Voltage (IB =0)
80
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collector Current
4
A
ICM
Collector Peak Current
8
A
IB
Base Current
0.1
A
Ptot
Tot al Dissipation at Tc
≤ 25 oC40
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
For PNP types voltage and current values are negative.
3
2
1
SOT-32
R1 Typ. = 7 K
Ω
R2 Typ. = 230
Ω
1/6


Similar Part No. - 2N6036

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6036 STMICROELECTRONICS-2N6036 Datasheet
174Kb / 4P
MIDIUM POWER DAR;OMGTONS
Jan-1989
logo
ON Semiconductor
2N6036 ONSEMI-2N6036 Datasheet
113Kb / 8P
Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6036 STMICROELECTRONICS-2N6036 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Dec-2000
logo
ON Semiconductor
2N6036 ONSEMI-2N6036 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
Savantic, Inc.
2N6036 SAVANTIC-2N6036 Datasheet
104Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N6036

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com