Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM03 Datasheet(PDF) 7 Page - ITT Industries

Part # CCM03
Description  CCM03 MK II
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM03 Datasheet(HTML) 7 Page - ITT Industries

  CCM03 Datasheet HTML 1Page - ITT Industries CCM03 Datasheet HTML 2Page - ITT Industries CCM03 Datasheet HTML 3Page - ITT Industries CCM03 Datasheet HTML 4Page - ITT Industries CCM03 Datasheet HTML 5Page - ITT Industries CCM03 Datasheet HTML 6Page - ITT Industries CCM03 Datasheet HTML 7Page - ITT Industries CCM03 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
25
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
Dimensional Drawings
PCB Layout
Unless otherwise stated, tolerances are ± 0,10 mm
Hinged Cover CCM03 - 3517 (6 contacts)
CCM03 - 3517 (6 contacts)
Note: Coplanarity of soldering surfaces: ± 0,05 mm
CCM03 MK II with Auto Lock cover
5,5
2,5
5,5
24,6
16,1
2
11,1
2
3,81
3,81
22,1
1,5
1,5
1,25
8,24
Contact foot area
1 x 1
(Component side)
C1
Contact location according to
ENV1375-1 & GSM 11-11
C2
C3
C5
C6
C7
Plastic outline
Pad
Prohibited area
12,05
4,9
29,6
29,1
0,25
0,25
2
5
1,3
11,61
24,6
±0,2
0,25
1
24,6 (REF.)
2,2
1,8
1,9
UNLOCKED
1
2
CARD INSERTION
Card insertion
onto the base
OPEN
OPEN
CARD WITHDRAWAL
Manual
opening
Card withdrawal
from the base
1
2
LOCKED
UNLOCKED
LOCKED
Manual
closing
Pick and place area
ø3,2
xx-xxx
Date Code area
DETAIL A
DETAIL A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com