Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN-10 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # RSN-10
Description  Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RSN-10 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  RSN-10 Datasheet HTML 1Page - Bourns Electronic Solutions RSN-10 Datasheet HTML 2Page - Bourns Electronic Solutions RSN-10 Datasheet HTML 3Page - Bourns Electronic Solutions RSN-10 Datasheet HTML 4Page - Bourns Electronic Solutions RSN-10 Datasheet HTML 5Page - Bourns Electronic Solutions RSN-10 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RSN Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
Shunt FAQs
Question: What is a shunt?
Answer: A shunt is simply a very precise resistor with its general
operation adhering to Ohm’s law.
Question: What is a Current Shunt Resistor?
Answer: Current shunt resistors are a low resistance precision
resistor used to measure AC or DC electrical currents by the
voltage drop those currents create across the resistance. These
are also sometimes called ammeter shunts, which are a type of
current sensor.
Question: What is the best way to mount a shunt?
Answer: Ideally, shunts should be mounted such that the
resistive elements are oriented in a vertical plane to promote
better cooling of the elements. This means that our shunts that
include a base should be mounted to a panel or wall and not a
floor or ceiling.
Question: What is the current lead time for your shunts?
Answer: Many of our shunts and fuse blocks are available from
stock. If the device you are seeking is not in stock, our current
manufacturing lead time for new orders is four to five weeks,
often sooner.
Question: What is the accuracy of Bourns® shunts?
Answer: We offer a standard tolerance of ±0.25 %, however, we
may be able to provide shunts with a tolerance as tight as
±0.1 % on request.
Question: What voltage output options are offered for your
shunts?
Answer: Our shunts are offered with either 50 mV or 100 mV
outputs as standard. However, we can support nearly any
voltage output on request including 60 mV and 75 mV.
Question: Are your shunts MIL spec?
Answer: The MK series of shunts are built to meet the standards
of CID (commercial item description) A-A-55524, which
superseded MIL STD 91586.
Question: What does rated current mean in regards to your
shunts?
Answer: Our shunts are offered in many standard current
ratings. This rating, often referred to as full scale, when applied
to the shunt will result in the selected voltage output. For
continuous use, we recommend that the shunt be operated at no
more than 2/3 rated or full-scale current.
Question: Why do you recommend de-rating your shunts by
rated or full-scale current?
Answer: We recommend not exceeding 2/3 rated or full-scale
current in order to limit thermal heating of the resistive element.
Question: What is the power rating for your shunts?
Answer: The power rating of a shunt will always adhere to Ohm’s
law and may be calculated using the formula P=I*V, where I
is the rated current and V is the chosen milli-volt output of the
shunt.
Question: Can shunts be used to measure short duration
pulses?
Answer: Yes, a shunt can be used to measure pulses. There is
an important thing to keep in mind, however. It is permissible to
exceed the rated current of a shunt for a short period of time.
The length of time will depend entirely on thermal concerns. It
is important that the resistance element of the shunt not exceed
140 °C or the resistance value will forever be altered and the
shunt ruined. In order to provide an additional safety factor,
we recommend that the temperature of the resistance element
not exceed 125 °C. Keep in mind that the voltage output of the
shunt will be proportional to the input current, so it is necessary
to ensure that the input of any monitoring equipment not be
exceeded.
Question: Can shunts be used to measure AC currents as
well as DC currents?
Answer: Bourns shunts may be used to measure low frequency
AC currents. There is the possibility of electrical noise at higher
frequencies, however, experience shows that the shunt will
behave very well at frequencies up to about 1 kHz.
Question: I’d like to monitor a 500-watt source, will your
shunts do this?
Answer: Probably! Remember that the shunt is not measuring
the power of the source, only the current it provides to the
load. Determine the expected current draw and then divide the
expected current draw by 2/3 or 0.666 to determine the full scale
or rated current you will need. You will also need to decide if you
would prefer a 50 mV or 100 mV output.
Question: What is the operating temperature range of your
shunts?
Answer: Our shunts will be most accurate when operated at
temperatures between 30 °C and 60 °C. Below that temperature
the shunt will not sustain any damage, but its accuracy will
not be as precise. The absolute maximum temperature of the
resistive element is 140 °C. Any temperature above that will
permanently damage the shunt. We recommend not exceeding
125 °C to allow for a margin of safety.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com