Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6036 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N6036
Description  MIDIUM POWER DAR;OMGTONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6036 Datasheet(HTML) 1 Page - STMicroelectronics

  2N6036 Datasheet HTML 1Page - STMicroelectronics 2N6036 Datasheet HTML 2Page - STMicroelectronics 2N6036 Datasheet HTML 3Page - STMicroelectronics 2N6036 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2N6036

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6036 STMICROELECTRONICS-2N6036 Datasheet
87Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
June 1997
logo
ON Semiconductor
2N6036 ONSEMI-2N6036 Datasheet
113Kb / 8P
Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6036 STMICROELECTRONICS-2N6036 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Dec-2000
logo
ON Semiconductor
2N6036 ONSEMI-2N6036 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
Savantic, Inc.
2N6036 SAVANTIC-2N6036 Datasheet
104Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N6036

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-80V / -2.5A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
MP6Z11 ROHM-MP6Z11 Datasheet
1Mb / 8P
Midium Power Transistors (짹30V / 짹1A)
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
Midium Power Transistors
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
2SCR544R ROHM-2SCR544R_11 Datasheet
211Kb / 5P
Midium Power Transistors
logo
Renesas Technology Corp
BCR12LM-16LB RENESAS-BCR12LM-16LB Datasheet
133Kb / 8P
Triac Midium Power Use
logo
Rohm
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com