Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3874-ADJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3874-ADJ
Description  0.8A Fast Ultra Low Dropout Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3874-ADJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3874-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3874-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP3874-ADJ
0.8A Fast Ultra Low Dropout Linear Regulators
General Description
The LP3874-ADJ fast ultra low-dropout linear regulators op-
erate from a +2.5V to +7.0V input supply. These ultra low
dropout linear regulators respond very quickly to step
changes in load, which makes them suitable for low voltage
microprocessor applications. The LP3874-ADJ is developed
on a CMOS process which allows low quiescent current
operation independent of output load current. This CMOS
process also allows the LP3874-ADJ to operate under ex-
tremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 24mV
at 80mA load current and 240mV at 0.8A load current.
Ground Pin Current: Typically 6mA at 0.8A load current.
Shutdown Mode: Typically 10nA quiescent current when
the shutdown pin is pulled low.
Adjustable Output Voltage: The output voltage may be
programmed via two external resistors.
Features
n
Ultra low dropout voltage
n
Low ground pin current
n
Load regulation of 0.04%
n
10nA quiescent current in shutdown mode
n
Guaranteed output current of 0.8A DC
n
Available in TO-263, TO-220 and SOT-223 packages
n
Minimum output capacitor requirements
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuit
20074545
*See Application Hints
October 2006
© 2006 National Semiconductor Corporation
DS200745
www.national.com


Similar Part No. - LP3874-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
0.8A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3874-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874EMP-33 TI1-LP3874EMP-33 Datasheet
1Mb / 24P
LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
0.8A Ultra Low Dropout Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com