Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEJ Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # LEJ
Description  Hydraulic-Magnetic Circuit Breakers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEJ Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  LEJ Datasheet HTML 1Page - Sensata Technologies, Inc. LEJ Datasheet HTML 2Page - Sensata Technologies, Inc. LEJ Datasheet HTML 3Page - Sensata Technologies, Inc. LEJ Datasheet HTML 4Page - Sensata Technologies, Inc. LEJ Datasheet HTML 5Page - Sensata Technologies, Inc. LEJ Datasheet HTML 6Page - Sensata Technologies, Inc. LEJ Datasheet HTML 7Page - Sensata Technologies, Inc. LEJ Datasheet HTML 8Page - Sensata Technologies, Inc. LEJ Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FEATURES
• Up to two poles, 2 amps to 20 amps rated current at 240VAC per pole
• UL 489 listed and TÜV approvals available
• Up to 10,000AIC short circuit amperage rating
• Low Depth “A” option provides a 31% lower depth compared to standard LEJ product
• Maintains the high performance characteristics, reliability, panel cut out and mounting dimensions of LEG/LEGA products
The LEJ/LEJA series circuit breaker meets the evolving demand for the high performance protection of critical data center and
telecommunications applications requiring up to 277VAC per pole, UL 489 listing in the smallest case size currently available in the
marketplace. The LEJ/LEJA platform is based on the highly successful and field proven LEG/LEGA designs while incorporating
state-of-the-art arc quenching technologies and offering voltage ratings that are well suited for global applications that require
208VAC through 277VAC ratings for increased power efficiency.
Typical applications include power distribution units (PDUs) used in data center enclosures, telecom AC power supplies and a
variety of Industrial applications benefiting from the higher power density. Like the LEG/LEGA product family, the LEJ/LEJA series
offers a variety of features including different terminations and actuators to meet most any requirements.
INTRODUCTION
LEJ & LEJA Series
Hydraulic-Magnetic Circuit Breakers
Agency Certification
Rated Amperage
Maximum Voltage per Pole
Short Circuit Amperage
UL 489
2 to 20 amps
240 VAC, 50/60 Hz
5000
TÜV (EN60947-2)
2 to 20 amps
240 VAC, 50/60 Hz
5000
UL489
2 to 20 amps
240 VAC, 50/60 Hz
10000
UL489
2 to 20 amps
277 VAC, 50/60 Hz
10000
SPECIFICATIONS
LEJ & LEJA Series - Introduction
http://airpax.sensata.com
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com