Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # M50
Description  POWER MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

M50 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  M50 Datasheet HTML 1Page - Sensata Technologies, Inc. M50 Datasheet HTML 2Page - Sensata Technologies, Inc. M50 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| M50 DIODE SERIES
POWER MODULES
SPECIFICATIONS
Features
General
Electrical
• High Surge Current Rectifier Circuits
• 5 Different Circuits to Choose from
• Up to 1600 Volt Blocking Standard
• UL Recognized E72445
Part Number
Symbol
M5060
M50100
Maximum DC Output Current (Tc= 85°C)
I
D
60 A
100 A
Maximum Voltage Drop @ Amps Peak
V
F
1.35V @ 50A
1.2V @ 100 A
Operating Junction Temperature Range
T
J
-40 - 125°C
-40 - 125°C
Repetitive Peak Reverse Voltage (AC Line
Nominal) [Vpk] VRRMS
V
RMS
400 (120 VAC)
600 (240 VAC)
1000 (380 VAC)
1200 (480 VAC)
1400 (530 VAC)
1600 (600 VAC)
Maximum Non-Repetitive Surge Current
(1/2 Cycle, 60 Hz) [A]
I
TSM
800
1500
Maximum I² t for Fusing (t=8.3ms)[A² sec]
l2t
2650
9350
Maximum Thermal Resistance, Junction to
Ceramic Base per Chip [°C/W]
R
JC
0.45°C/W
0.3°C/W
Isolation Voltage [Vrms]
V
ISOL
2500
Weight (typical)
4.5 oz (158g)


Similar Part No. - M50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M50 MACOM-M50 Datasheet
441Kb / 3P
Triple-Balanced Mixer
logo
Cynergy3 Co
M50 CYNERGY3-M50 Datasheet
155Kb / 1P
60-100Amp Diode Modules
logo
Crydom Inc.,
M50 CRYDOM-M50 Datasheet
732Kb / 4P
Power Modules
logo
M/A-COM Technology Solu...
M50 MA-COM-M50 Datasheet
1Mb / 3P
Triple-Balanced Mixer
logo
Sensata Technologies, I...
M50 SENSATA-M50 Datasheet
350Kb / 3P
POWER MODULES
More results

Similar Description - M50

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EFD01BF CRYDOM-EFD01BF Datasheet
1Mb / 5P
Power Modules
F18 CRYDOM-F18 Datasheet
672Kb / 4P
Power Modules
M50 CRYDOM-M50 Datasheet
732Kb / 4P
Power Modules
M50D CRYDOM-M50D Datasheet
795Kb / 4P
Power Modules
B-2T CRYDOM-B-2T Datasheet
794Kb / 4P
power modules
B48-2T CRYDOM-B48-2T Datasheet
722Kb / 4P
power modules
logo
Nell Semiconductor Co.,...
NKT350T NELLSEMI-NKT350T Datasheet
698Kb / 4P
Power Modules
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
Power Modules
MCC162-18IO1B ISC-MCC162-18IO1B Datasheet
302Kb / 2P
Power Modules
36MB100A ISC-36MB100A Datasheet
289Kb / 2P
Power Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com