Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF20-R1 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # DPF20-R1
Description  Panel Meter for Frequency, Rate, Total or Period Counter 6-Digit, 1⁄8 DIN Panel Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DPF20-R1 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  DPF20-R1 Datasheet HTML 1Page - Omega Engineering, Inc. DPF20-R1 Datasheet HTML 2Page - Omega Engineering, Inc. DPF20-R1 Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Panel Meter for
Frequency, Rate, Total
or Period Counter
6-Digit, 1⁄8 DIN Panel Mount
DPF20 Series TM
U
Dual Channel
(A + B + Reset)
U
Option for Wall
Mounting
U
NEMA 4 (IP65)
Front Panel
U
Power Options of
85 to 260 Vac and
11 to 60 Vdc
U
Excitation Power
Supply of 5 to 18 Vdc
@ 70 mA
U
Optional Outputs:
Modbus®, Up to
6 Relays, Analog,
SSR Drive, RS485
and RS232
Applications
U
Industrial Flow Rate
or Total Indication and
Alarm or Control
U
Angular Position or
RPM Indication (with
Quadrature Sensor)
U
Product/Piece Counting
or Production Rate
Indication
Omega’s new DPF20 Series of
indicators offer real flexibility for
measurement of a wide range of
frequency or pulse inputs. The
display is easily configured to
indicate frequency, rate, period
or count. This makes the meter
ideal for flow applications where
they can display flow rate or total
from a variety of different flow
sensors. Or for quadrature signals,
to indicate angular position or
rotational speed and direction.
The DPF20 series offers
exceptional performance at an
economical price, with some
unique and powerful features,
summarized in the table on
page 3.
Specifications
Main Functions: Counter,
ratemeter, period meter
Display Digits: 6
Display Range: 999999/-199999
Decimal Point: Configurable
LED Color: Red standard;
green optional
Digit Height: 14 mm (0.55")
Signals Accepted: NPN, PNP,
Namur, pick-up, TTL, inductive,
mechanical, quadrature
Excitation Voltage: 5 Vdc, 9 Vdc,
15 Vdc, 18 Vdc (max. 70 mA)
Maximum Vdc at Input Terminals:
±30 Vdc
Input Impedance: 2.4 kΩ with
pull-up or pull-down resistor; 470 k
without resistor
Quartz Accuracy: ±0.01%
Thermal Stability: 20 ppm/ºC
Display Refresh: 15/second
Maximum Frequencies:
Counter: Up to 250 KHz
Ratemeter and Period Meter: Up
to 500 KHz
Minimum Frequencies: Down to
1 mHz (0.001 Hz) (ratemeter and
period meter)
Standard Power: 85 to 265 Vac/DC
(isolated 2,500 Vac)
Low Power: 11 to 60 Vdc and 24/48
Vac (isolated 1500 Vac)
Power Consumption: <1.5 W (meter
only); < 4.0 W (meter with options)
Connections: Plug-in screw terminal
Slow Function: For low frequency
rate meter applications
Fast Function: For high frequency
counter applications
Scaling Factor: Multiplier and divider
from 1 to 999999
Configurable Reset: Front panel and
rear remote reset, and reset linked to
alarm activation
Preset: Configurable
Retention Memory: Recovers count
value in case of power loss
Dimensions and
Environment
Weight: <150 grams (<5.3 oz)
Front Panel Size: 96 x 48 mm
(3.78 x 1.89")
Panel Cut-Out: 92 x 44 mm
(3.62 x 1.73")
Depth Behind Panel: 91 mm (3.58")
including terminals
Operating Temperature: 0 to 50ºC
(32 to 122ºF)
Storage Temperature: -20 to 70ºC
(-4 to 158ºF)
Warm Up: 15 minutes
Front Panel Protection: NEMA 4
(IP65)
DPF20-LV shown actual size.


Similar Part No. - DPF20-R1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPF240X200NA IXYS-DPF240X200NA Datasheet
120Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
DPF240X400NA IXYS-DPF240X400NA Datasheet
96Kb / 3P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Parallel legs
More results

Similar Description - DPF20-R1

ManufacturerPart #DatasheetDescription
logo
Picker Components
SK4104Z-F PICKER-SK4104Z-F Datasheet
66Kb / 1P
8 Pin Miniature Socket for Din Rail or Panel Mount
SK4104 PICKER-SK4104 Datasheet
66Kb / 1P
14 Pin Miniature Socket for Din Rail or Panel Mount
logo
Murata Manufacturing Co...
DM-500 MURATA-DM-500 Datasheet
348Kb / 3P
digit, led display mini panel meter
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
Multifunctional Digital Panel Meter and Counter Display
logo
Picker Components
SC113-2C PICKER-SC113-2C Datasheet
104Kb / 1P
8 Pin Midget Socket for Din Rail or Panel Mount
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
DIN Rail, Panel Mount or Wall Mount
logo
Analog Devices
AD2001 AD-AD2001_15 Datasheet
975Kb / 2P
DIGIT PANEL METER FOR OEM APPLICATIONS
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
logo
Omron Electronics LLC
K3GN OMRON-K3GN Datasheet
901Kb / 22P
1/32 DIN Digital Panel Meter
logo
FOTEK CONTROLS CO., LTD...
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com