Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBI5025 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI5025
Description  16-bit Constant Current LED Sink Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBI5025 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MBI5025 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5025 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MBI5025
16-bit Constant Current LED Sink Driver
January 2004, V0.9
- 7 -
Electrical Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” level
VIH
Ta = -40~85
ºC
0.8VDD
-
VDD
V
Input Voltage
“L” level
VIL
Ta = -40~85
ºC
GND
-
0.3VDD
V
Output Leakage Current
IOH
VOH=17.0V
-
-
0.5
μA
VOL
IOL=+1.0mA
-
-
0.4
V
Output Voltage
SDO
VOH
IOH=-1.0mA
4.6
-
-
V
Output Current 1
IOUT1
VDS=0.5V
Rext=1260 Ω
-
15.0
-
mA
Current Skew
dIOUT1
IOL=15mA
VDS=0.5V
Rext=1260 Ω
-
±1
±3
%
Output Current 2
IOUT2
VDS=0.8V
Rext=620 Ω
-
30.0
-
mA
Current Skew
dIOUT2
IOL=30mA
VDS=0.8V
Rext=620 Ω
-
±1
±3
%
Output Current vs.
Output Voltage Regulation
%/dVDS
VDS within 1.0V and 3.0V
-
±0.1
-
% / V
Output Current vs.
Supply Voltage Regulation
%/dVDD
VDD within 4.5V and 5.5V
-
±1
-
% / V
Pull-up Resistor
RIN(up)
OE
250
500
800
K
Ω
Pull-down Resistor
RIN(down)
LE
250
500
800
K
Ω
IDD(off) 1
Rext=Open,
OUT0
~ OUT15 =Off
-
9
-
IDD(off) 2
Rext=1260 Ω, OUT0 ~ OUT15 =Off
-
10
-
“OFF”
IDD(off) 3
Rext=620 Ω,
OUT0
~ OUT15 =Off
-
11
-
IDD(on) 1
Rext=1260 Ω, OUT0 ~ OUT15 =On
-
10
-
Supply
Current
“ON”
IDD(on) 2
Rext=620 Ω,
OUT0
~ OUT15 =On
-
11
-
mA
Test Circuit for Electrical Characteristics
OE
CLK
LE
SDI
DD
V
EXT
-
R
GND
SDO
OUT0
OUT15
..
..
DD
I
OUT
I
ref
I
IL
IH,
V
V
IL
IH,
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com