Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC60304YBHT Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC60304YBHT
Description  AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC60304YBHT Datasheet(HTML) 7 Page - Texas Instruments

  AMC60304YBHT Datasheet HTML 1Page - Texas Instruments AMC60304YBHT Datasheet HTML 2Page - Texas Instruments AMC60304YBHT Datasheet HTML 3Page - Texas Instruments AMC60304YBHT Datasheet HTML 4Page - Texas Instruments AMC60304YBHT Datasheet HTML 5Page - Texas Instruments AMC60304YBHT Datasheet HTML 6Page - Texas Instruments AMC60304YBHT Datasheet HTML 7Page - Texas Instruments AMC60304YBHT Datasheet HTML 8Page - Texas Instruments AMC60304YBHT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
0.05 MAX
36X (
0.2)
(0.4) TYP
(0.4) TYP
(
0.2)
SOLDER MASK
OPENING
(
0.2)
METAL
4225648/A 01/2020
DSBGA - 0.4 mm max height
YBH0036
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
C
1
2
3
4
5
A
B
D
E
F
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 30X
6
NON-SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL
SOLDER MASK
OPENING
SOLDER MASK
DEFINED
METAL UNDER
SOLDER MASK
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com