Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6107 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N6107
Description  SILICON PNP SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6107 Datasheet(HTML) 2 Page - STMicroelectronics

  2N6107 Datasheet HTML 1Page - STMicroelectronics 2N6107 Datasheet HTML 2Page - STMicroelectronics 2N6107 Datasheet HTML 3Page - STMicroelectronics 2N6107 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
3.12
oC/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
70
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = - 1.5V)
for 2N6107
VCE = 80 V
for 2N6111
VCE = 40 V
TC = 150
oC
for 2N6107
VCE = 70 V
for 2N6111
VCE = 30 V
0.1
0.1
2
2
mA
mA
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
for 2N6107
VCE = 60 V
for 2N6111
VCE = 20 V
1
1
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-emitter
Sustaining Voltage
IC = 0.1 A
for 2N6107
for 2N6111
70
30
V
V
VCER(sus)
∗ Collector-emitter
Sustaining Voltage
IC = 0.1 A
RBE = 100
Ω
for 2N6107
for 2N6111
80
40
V
V
VCE(sat)
∗ Collector-emitter
Saturation Voltage
IC = 3 A
IB = 0.3 A
for 2N6107
IC = 2 A
IB = 0.2 A
for 2N6111
IC = 7 A
IB = 3.0 A
1
1
3.5
V
V
V
VBE(on)
∗ Base-emitter Voltage
IC = 3 A
VCE = 4 V
for 2N6107
IC = 2 A
VCE = 4 V
for 2N6111
IC = 7 A
VCE = 4 V
1.5
1.5
3
V
V
V
hFE
∗
DC Current Gain
IC = 3 A
VCE = 4 V
for 2N6107
IC = 2 A
VCE = 4 V
for 2N6111
IC = 7 A
VCE = 4 V
30
30
2.3
150
150
hfe
Small Signal Current
Gain
IC = 0.5 A
VCE = 4 V
f = 50 KHz
20
fT
Transition-Frequency
IC = 0.5 A
VCE = 4 V
4
MHz
Ccbo
Collector-base
Capacitance
VCB = 10 V
f = 1 MHz
250
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
For PNP types voltage and current values are negative.
For characteristic curves see the bd534 (PNP) series.
2N6107/2N6111
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com