Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1477 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1477
Description  RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1477 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1477 Datasheet HTML 1Page - STMicroelectronics SD1477 Datasheet HTML 2Page - STMicroelectronics SD1477 Datasheet HTML 3Page - STMicroelectronics SD1477 Datasheet HTML 4Page - STMicroelectronics SD1477 Datasheet HTML 5Page - STMicroelectronics SD1477 Datasheet HTML 6Page - STMicroelectronics SD1477 Datasheet HTML 7Page - STMicroelectronics SD1477 Datasheet HTML 8Page - STMicroelectronics SD1477 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SD1477
4/9
IMPEDANCE DATA
Figure 5. Typical Input Impedance
Figure 6. Typical Collector Load Impedance
Table 6. Impedance Data
+2
+1
0
–1
–2
130
140
150
160
170
180
190
Power Input (Watts)
R
Jx
VCC = 136 MHz
PIN = 20.0 W
Input
Network
Zs
+1.0
+.5
0
–.5
–1.0
130
140
150
160
170
180
Frequency (MHz)
R
Jx
VCC = 12.5 V
PIN = 20 W
ZCL
Output
Network
FREQ.
ZIN (Ω)ZCL (Ω)
175 MHz
1.5 – j 0.9
0.5 – j 1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com