Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2005STR Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2005STR
Description  Fast- Charge IC for Dual- Bat tery Packs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2005STR Datasheet(HTML) 1 Page - Texas Instruments

  BQ2005STR Datasheet HTML 1Page - Texas Instruments BQ2005STR Datasheet HTML 2Page - Texas Instruments BQ2005STR Datasheet HTML 3Page - Texas Instruments BQ2005STR Datasheet HTML 4Page - Texas Instruments BQ2005STR Datasheet HTML 5Page - Texas Instruments BQ2005STR Datasheet HTML 6Page - Texas Instruments BQ2005STR Datasheet HTML 7Page - Texas Instruments BQ2005STR Datasheet HTML 8Page - Texas Instruments BQ2005STR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
∗ Sequential fast charge and con di-
tioning of two NiCd or NiMH nickel
cadmium or nickel-metal hydride
batterypacks
∗ Hysteretic PWM switch-mode cur -
rent regulation or gated control of
anexternalregulator
∗ Easily integrated into systems or
used as a stand-alone charger
∗ Pre-chargequalificationoftempera-
ture and volt age
∗ Direct LED outputs display bat tery
and charge sta tus
∗ Fast-chargeterminationby
∆ temperature/∆ time, -∆V,maximum
volt age, max i mum tem per a ture, and
maximumtime
∗ Optional top-off and pulse-trickle
charging
General Description
The bq2005 Fast-Charge IC provides
comprehensive fast charge control
functions together with high-speed
switching power control circuitry on a
monolithic CMOS device for sequential
charge man age ment in dual battery
packapplications.
In te gra tion of closed-loop cur rent con-
trol circuitry allows the bq2005 to be
the basis of a cost-effective solution
for stand-alone and sys tem-integrated
charg ers for bat ter ies of one or more
cells.
Switch-activated
dis-charge-before-charge
allows
bq2005-based chargers to support bat-
tery conditioning and capacity determi-
nation.
High-efficiency power con ver sion is ac-
complished using the bq2005 as a
hysteretic
PWM
controller
for
switch-mode regulation of the charging
cur rent. The bq2005 may alternatively
be used to gate an externally reg u-
lated charging cur rent.
Fast charge may begin on ap pli ca tion
of the charg ing sup ply, re place ment of
the battery, or switch depres sion. For
safety, fast charge is in hib ited un-
less/un til the bat tery tem per a ture and
volt age are within con fig ured lim its.
Temperature, voltage, and time are
monitored throughout fast charge.
Fast charge is ter mi nated by any of
the fol low ing:
n
Rate of temperature rise
(
∆T/∆t)
n
Negative delta voltage (-
∆V)
n
Maximum voltage
n
Maximum temperature
n
Maximum time
Af ter fast charge, op tional top-off and
pulsed current maintenance phases
are avail able.
1
Fast-Charge IC for Dual-
Battery Packs
bq2005
Pin Connections
Pin Names
SLUS079A - AU GUST 2000 G
DCMD
A
Dis charge com mand in put,
batteryA
DVEN
-DV en able
TM1
Timer mode se lect 1
TM2
Timer mode se lect 2
TCO
Temperaturecut-off
TSA,
Tem pera ture sense in put,
TSB
batteryA/B
BATA,
Bat tery volt age in put,
BATB
batteryA/B
SNSA,
Sense re sis tor in put ,
SNSB
batteryA/B
DIS
A
Dis charge con trol out put,
batteryA
CHA,
Charge status out put,
CHB
batteryA/B
FCCA,
Fast charge com plete out put,
FCC
B
batteryA/B
VSS
Sys tem ground
VCC
5.0V ±10% power
MODA,
Charge cur rent con trol
MODB
out put, bat tery A/B


Similar Part No. - BQ2005STR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2005STR TI-BQ2005STR Datasheet
151Kb / 16P
Fast-Charge IC for Dual-Battery Packs
BQ2005STR TI1-BQ2005STR Datasheet
664Kb / 18P
Fast- Charge IC for Dual-Bat tery Packs
BQ2005STRG4 TI-BQ2005STRG4 Datasheet
151Kb / 16P
Fast-Charge IC for Dual-Battery Packs
BQ2005STRG4 TI1-BQ2005STRG4 Datasheet
664Kb / 18P
Fast- Charge IC for Dual-Bat tery Packs
More results

Similar Description - BQ2005STR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
Fast-Charge IC
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
Fast-Charge IC for Dual-Battery Packs
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
Lead-Acid Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
Fast-Charge IC
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
Fast-Charge IC
BQ2005 TI1-BQ2005_13 Datasheet
664Kb / 18P
Fast- Charge IC for Dual-Bat tery Packs
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com