Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3482QTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG3482QTR
Description  Low voltage dual SP4T switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3482QTR Datasheet(HTML) 3 Page - STMicroelectronics

  STG3482QTR Datasheet HTML 1Page - STMicroelectronics STG3482QTR Datasheet HTML 2Page - STMicroelectronics STG3482QTR Datasheet HTML 3Page - STMicroelectronics STG3482QTR Datasheet HTML 4Page - STMicroelectronics STG3482QTR Datasheet HTML 5Page - STMicroelectronics STG3482QTR Datasheet HTML 6Page - STMicroelectronics STG3482QTR Datasheet HTML 7Page - STMicroelectronics STG3482QTR Datasheet HTML 8Page - STMicroelectronics STG3482QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STG3482
Pin settings
3/14
1
Pin settings
Figure 1.
Pin connection (top through view)
1.1
Pin description
Note:
Exposed pad must be soldered to a floating plane. Do NOT connect to power or ground.
CS00019
1
2
3
4
56
7
8
12
11
10
9
16
15
14
13
1S4
CC
V
1SEL
2S1
1S1
GND
2SEL
2S4
Control
Table 2.
Pin description
Pin number
Symbol
Name and function
1
1S4
Independent channel
2VCC
Positive supply voltage
3
1SEL
Control
4
2S1
Independent channel
5
NC
No connect
6
2S2
Independent channel
7
D2
Common channels
8
2S3
Independent channel
9
2S4
Independent channel
10
2SEL
Control
11
GND
Ground (0V)
12
1S1
Independent channel
13
/OE
Output enable (active low)
14
1S2
Independent channel
15
D1
Common channel
16
1S3
Independent channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com