Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2144/2 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLE2144/2
Description  4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2144/2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2144/2 Datasheet HTML 5Page - Texas Instruments TLE2144/2 Datasheet HTML 6Page - Texas Instruments TLE2144/2 Datasheet HTML 7Page - Texas Instruments TLE2144/2 Datasheet HTML 8Page - Texas Instruments TLE2144/2 Datasheet HTML 9Page - Texas Instruments TLE2144/2 Datasheet HTML 10Page - Texas Instruments TLE2144/2 Datasheet HTML 11Page - Texas Instruments TLE2144/2 Datasheet HTML 12Page - Texas Instruments TLE2144/2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BUF04701
9
SBOS214B
www.ti.com
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. This output stage is ca-
pable of driving 1k
Ω loads connected to any point between
V+ and V–. For light resistive loads (> 100k
Ω), the output
voltage can swing to 100mV from the supply rail. With 2k
Ω
resistive loads, the output is specified to swing to within
200mV of the supply rails while maintaining high open-loop
gain (see the typical characteristic curve
Output Voltage
Swing vs Output Current).
CAPACITIVE LOAD AND STABILITY
The BUF04701 can drive up to 1000pF pure capacitive load.
One method of improving capacitive load drive is to insert a
10 to 20
Ω resistor in series with the output, as shown in
Figure 5. This reduces ringing with large capacitive loads
while maintaining DC accuracy.
FIGURE 6. BUF04701 as LCD Display Buffer.
1/4
BUF04701
V
IN
V
OUT
20
Ω
1/4
BUF04701
V
DC
R
S
20
Ω
C
L
100nF
GMA1
GMA2
GMA3
GMA4
GMA5
1/4
BUF04701
R
S
20
Ω
C
L
100nF
GMA6
GMA7
GMA8
GMA9
GMA10
LCD Source Driver
1/4
BUF04701
R
S
20
Ω
C
L
100nF
1/4
BUF04701
R
S
20
Ω
C
L
100nF
FIGURE 5. Improving Capacitive Load Drive.
APPLICATION CIRCUITS
REFERENCE BUFFER FOR LCD SOURCE DRIVERS
In modern high-resolution TFT-LCD displays, gamma correc-
tion must be performed to correct for nonlinearities in the glass
transmission characteristics of the LCD panel. The typical LCD
source driver for 64 bits of grayscale uses internal Digital-to-
Analog Converters (DACs) to convert the 6-bit data into analog
voltages applied to the LCD. These DACs typically require
external voltage references for proper operation. Normally
these external reference voltages are generated using a simple
resistive ladder, like the one shown in Figure 6.
Typical laptop or desktop LCD panels require 6 to 8 of the
source driver circuits in parallel to drive all columns of the
panel. Although the resistive load of one internal string of a
DAC is only around 10k
Ω to 16kΩ, 6 to 8 strings in parallel
represent a very substantial load. The power supply used for
the LCD source drivers for laptops is typically in the order of
10V. To maximize the dynamic range of the DAC, rail-to-rail
output performance is required for the upper and lower buffer.
The ability of the BUF04701 to operate on 12V supplies, to
drive heavy resistive loads (as low as 2k
Ω), and to swing to
within 200mV of the supply rails, makes it very well suited as
a buffer for the reference voltage inputs of LCD source drivers.
During conversion of the DAC, internal switches create
current glitches on the output of the reference buffer. The
capacitor CL (typically 100nF) functions as a charge reservoir
that provides/absorbs most of the glitch energy. The series
resistor RS isolates the outputs of the BUF04701 from the
heavy capacitive load and helps to improve settling time.
4-POLE LOW-PASS SALLEN-KEY FILTER
The high open-loop gain and wide bandwidth of the BUF04701
make it optimal for active filtering applications. Figure 7 shows
the BUF04701 in a 4-pole Butterworth low-pass active filter
configuration of 20kHz bandwidth.
FIGURE 7. BUF04701 Configured as a 4-Pole Sallen-Key Butterworth Low-Pass Filter.
1/4
BUF04701
1/4
BUF04701
V
IN
V
OUT
16.8k
Ω
6.8nF
1.68k
Ω
19.4k
Ω
680pF
330pF
2.2nF
2.18k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com