Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT273M Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74FCT273M
Description  BiCMOS OCTAL D-TYPE FLIP-FLOP WITH RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT273M Datasheet(HTML) 4 Page - Texas Instruments

  CD74FCT273M Datasheet HTML 1Page - Texas Instruments CD74FCT273M Datasheet HTML 2Page - Texas Instruments CD74FCT273M Datasheet HTML 3Page - Texas Instruments CD74FCT273M Datasheet HTML 4Page - Texas Instruments CD74FCT273M Datasheet HTML 5Page - Texas Instruments CD74FCT273M Datasheet HTML 6Page - Texas Instruments CD74FCT273M Datasheet HTML 7Page - Texas Instruments CD74FCT273M Datasheet HTML 8Page - Texas Instruments CD74FCT273M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CD74FCT273
BiCMOS OCTAL D-TYPE FLIP-FLOP
WITH RESET
SCBS737A – JULY 2000 – REVISED JULY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (unless otherwise noted) (see
Figure 1)
MIN
MAX
UNIT
fclock
Clock frequency
70
MHz
t
Pulse duration
CLR low
7
ns
tw
Pulse duration
CLK high or low
7
ns
t
Setup time
Data before CLK
↑
3
ns
tsu
Setup time
CLR before CLK
↑
4
ns
th
Hold time
Data after CLK
↑
2
ns
switching characteristics over recommended operating conditions, CL = 50 pF (unless otherwise
noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
UNIT
fmax
70
MHz
t d
CLK
An Q
7
2
13
ns
tpd
CLR
Any Q
8
2
13
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
36
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com