Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT244ATE Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74FCT244ATE
Description  BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT244ATE Datasheet(HTML) 3 Page - Texas Instruments

  CD74FCT244ATE Datasheet HTML 1Page - Texas Instruments CD74FCT244ATE Datasheet HTML 2Page - Texas Instruments CD74FCT244ATE Datasheet HTML 3Page - Texas Instruments CD74FCT244ATE Datasheet HTML 4Page - Texas Instruments CD74FCT244ATE Datasheet HTML 5Page - Texas Instruments CD74FCT244ATE Datasheet HTML 6Page - Texas Instruments CD74FCT244ATE Datasheet HTML 7Page - Texas Instruments CD74FCT244ATE Datasheet HTML 8Page - Texas Instruments CD74FCT244ATE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CD74FCT244, CD74FCT244AT
BiCMOS OCTAL BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCBS722B – JULY 2000 – REVISED AUGUST 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
MIN
MAX
UNIT
VIK
II = –18 mA
4.75 V
–1.2
–1.2
V
VOH
IOH = –15 mA
4.75 V
2.4
2.4
V
VOL
IOL = 64 mA
4.75 V
0.55
0.55
V
II
VI = VCC or GND
5.25 V
±0.1
±1
mA
IOZ
VO = VCC or GND
5.25 V
±0.5
±10
mA
IOS†
VI = VCC or GND,
VO = 0
5.25 V
–60
–60
mA
ICC
VI = VCC or GND,
IO = 0
5.25 V
8
80
mA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.25 V
1.6
1.6
mA
Ci
VI = VCC or GND
10
10
pF
Co
VO = VCC or GND
15
15
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 100 ms.
‡ This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.25 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
CD74FCT244
CD74FCT244AT
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA = 25°C
MIN
MAX
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
TYP
MIN
MAX
tpd
A
Y
4.5
1.5
6.5
3.8
1.5
5.3
ns
ten
OE
Y
6
1.5
8
4.8
1.5
6.5
ns
tdis
OE
Y
5
1.5
7
4.5
1.5
5.8
ns
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOH(V)
Quiet output, minimum dynamic VOH
0.5
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com