Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC Datasheet(PDF) 1 Page - TT Electronics.

Part # APC
Description  Anti-Sulphur Precision Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

APC Datasheet(HTML) 1 Page - TT Electronics.

  APC Datasheet HTML 1Page - TT Electronics. APC Datasheet HTML 2Page - TT Electronics. APC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision thin film technology
Two grades of sulphur protection
Precision to ±0.05% and ±10ppm/°C
AEC-Q200 qualified option
Anti-sulphur tested to EIA-977 cond. B & ASTM-B-809-95 modified
08.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Range
Sulphur protection grade
Test applied
AEC-Q200 qualified
High power option
SR
Sulphur Resistant
ASTM-B-809-95 modified
AS
Anti-Sulphur
EIA-977 cond. B
Summary of Types
Electrical Data – SR Range
Electrical Data – AS High Power Range
Electrical Data – AS Range
Type
TCR (ppm/°C)
Power
(W)
Limiting Element Voltage
(V)
Ohmic Value Range
±0.05%
±0.1%
±0.25%
±0.5%
±1.0%
APC0402R
25, 50
0.063
50
10 -100K
APC0603R
25, 50
0.063
50
4.7 – 330K
APC0805R
25, 50
0.1
100
10 – 1M
APC1206R
25, 50
0.125
200
10 – 1M
APC1210R
25, 50
0.25
200
10 – 1M
APC2010R
25, 50
0.5
200
10 – 1.5M
APC2512R
25, 50
0.75
200
10 – 1.5M
Type
TCR (ppm/°C)
Power
(W)
Limiting Element Voltage
(V)
Ohmic Value Range
±0.05%
±0.1%
±0.25%
±0.5%
±1.0%
APC0603AH
10, 15, 25, 50
0.1
75
10 – 49.9K
10 – 332K
APC0805AH
10
0.125
150
10 – 100K
10 – 511K
15, 25, 50
10 – 1M
APC1206AH
10, 15, 25, 50
0.25
200
10 – 200K
10 – 1M
APC1210AH
10, 15, 25, 50
0.33
200
10 – 499K
10 – 1M
APC2010AH
10, 15, 25, 50
0.33
200
10 – 499K
10 – 1M
Type
TCR (ppm/°C)
Power
(W)
Limiting Element Voltage
(V)
Ohmic Value Range
±0.05%
±0.1%
±0.25%
±0.5%
±1.0%
APC0402A
10
0.063
25
49.9 – 10K
15
49.9 – 10K
49.9 – 69.8K
25, 50
49.9 – 10K
49.9 – 100K
APC0603A
10, 15, 25, 50
0.063
50
10 – 49.9K
10 – 332K
APC0805A
10
0.1
100
10 – 100K
10 – 511K
15, 25, 50
10 – 1M
APC1206A
10, 15, 25, 50
0.125
150
10 – 200K
10 – 1M
APC1210A
10, 15, 25, 50
0.25
150
10 – 499K
10 – 1M
APC2010A
10, 15, 25, 50
0.25
150
10 – 499K
10 – 1M
APC2512A
10, 15, 25, 50
0.5
150
10 – 499K
10 – 1M
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Resistors
Anti-Sulphur Precision Chip
APC Series


Similar Part No. - APC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
APC ASTRODYNE-APC Datasheet
247Kb / 3P
5 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
APC ARCH-APC Datasheet
417Kb / 5P
AC-DC Power Module
logo
Mini-Circuits
APC-10FT-NMNM MINI-APC-10FT-NMNM Datasheet
341Kb / 1P
Armored Test Cable
APC-10FT-NMNM+ MINI-APC-10FT-NMNM+ Datasheet
341Kb / 1P
Armored Test Cable
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
12W Single Output Switching Power Supply
More results

Similar Description - APC

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
List of Unclassifed Man...
ASC0805-680KFT5 ETC2-ASC0805-680KFT5 Datasheet
120Kb / 2P
Anti Sulphur Chip Resistors
ASC1206-100KFT5 ETC2-ASC1206-100KFT5 Datasheet
120Kb / 2P
Anti Sulphur Chip Resistors
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
Anti Sulphur Chip Resistors
logo
Rohm
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
List of Unclassifed Man...
BCN164A102J7 ETC2-BCN164A102J7 Datasheet
762Kb / 11P
Sulphur resistant version available
logo
KOA Speer Electronics, ...
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
anti sulfuration chip networks
logo
TT Electronics.
ASC TTELEC-ASC_17 Datasheet
201Kb / 2P
Anti Sulphur Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com