Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC1210R Datasheet(PDF) 2 Page - TT Electronics.

Part # APC1210R
Description  Anti-Sulphur Precision Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

APC1210R Datasheet(HTML) 2 Page - TT Electronics.

  APC1210R Datasheet HTML 1Page - TT Electronics. APC1210R Datasheet HTML 2Page - TT Electronics. APC1210R Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Construction
A thin-film material is selectively deposited on an alumina substrate together with metallic contacts at each end of the
resistor. The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser
trim process adjusts the resistance value. Epoxy protection is applied, and wrap-around terminations are added and plated.
Each resistor is measured immediately before packing into tape.
Marking
APC resistors size 0603 and larger are marked white on black with 3 or 4 characters indicating ohmic value. APC0402 is not
marked.
Anti-Sulphur Precision Chip
APC Series
08.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Physical Data
Performance Data
Dimensions (mm) and weight (mg)
Size
L
W
C
A
T
Wt
0402
1 ±0.1
0.5 ±0.05
0.3 ±0.15
0.25 ±0.1
0.35 ±0.05
0.54
0603
1.55 ±0.1
0.8 ±0.1
0.3 ±0.2
0.3 ±0.2
0.45 ±0.1
1.8
0805
2 ±0.15
1.25 ±0.15
0.3 ±0.2
0.4 ±0.2
0.55 ±0.1
4.7
1206
3.05 ±0.15
1.55 ±0.15
0.42 ±0.2
0.35 ±0.25
0.55 ±0.1
9.0
1210
3.1 ±0.15
2.6 ±0.15
0.5 ±0.2
0.5 ±0.25
0.55 ±0.1
10
2010
4.9 ±0.15
2.5 ±0.15
0.6 ±0.3
0.6 ±0.25
0.55 ±0.1
24
2512
6.3 ±0.15
3.2 ±0.15
0.6 ±0.3
0.9 ±0.25
0.55 ±0.1
38
Test
Condition
SR Range
±ΔR%
AS Range (AEC-Q200) ±ΔR%
0.05% tol.
≥0.1% tol.
High Temperature Exposure MIL-STD-202 Method 108
0.3
0.2
Temperature Cycling
JESD22 Method JA-104
0.3
0.1
Biased Humidity
MIL-STD-202 Method 103
0.3
0.1
Operational Life
MIL-STD-202 Method 108
0.3
≤7K0: 0.05 >7K0: 0.2
0.2
High Power range: 0.5
Terminal Strength
MIL-STD202 Method 211
No Damage
No Damage
Resistance to Solvents
MIL-STD202 Method 215
Marking Legible
Marking Legible
Mechanical Shock
MIL-STD202 Method 213
0.25
0.05
0.1
Vibration
MIL-STD202 Method 204
0.1
0.05
0.1
Resistance to Soldering Heat MIL-STD-202 Method 210
0.2
0.05
ESD
AEC-Q200-002 or ISO/DIS
10605
-
0.5
Solderability
J-STD-002
>95% covered, no visible damage
>95% covered, no visible damage
Flammability
UL-94
-
No ignition
Board Flex
AEC Q200-005
0.1
0.1
Short Term Overload
2.5xRCWV for 5seconds
0.1
0.05
Sulphur Test
EIA-977 cond. B
750hrs, 105°C, no humidity
-
1
ASTM-B-809-95 modified
1000hrs, 105°C, 85% RH
4
-
T
W
A
A
L
Wrap-around terminations
(3 faces)
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com