Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC533 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC533
Description  High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC533 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC533 Datasheet HTML 2Page - Texas Instruments CD54HC533 Datasheet HTML 3Page - Texas Instruments CD54HC533 Datasheet HTML 4Page - Texas Instruments CD54HC533 Datasheet HTML 5Page - Texas Instruments CD54HC533 Datasheet HTML 6Page - Texas Instruments CD54HC533 Datasheet HTML 7Page - Texas Instruments CD54HC533 Datasheet HTML 8Page - Texas Instruments CD54HC533 Datasheet HTML 9Page - Texas Instruments CD54HC533 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Enable Times
(HC533)
tPZH, tPZL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12
-
-
-
ns
Disable Times
(HC533)
tPHZ, tPLZ
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12
-
-
-
ns
Enable and Disable Times
(HC563)
tPZH, tPZL,
tPHZ, tPLZ
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12
-
-
-
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
42
-
-
-
pF
HCT TYPES
Propagation Delay,
Data to Qn
(HC/HCT533)
tPLH, tPHL
CL = 50pF
4.5
-
34
43
51
ns
CL = 15pF
5
14
-
-
-
ns
Propagation Delay,
Data to Qn
(HC/HCT563)
tPLH, tPHL
CL = 50pF
4.5
-
30
38
45
ns
CL = 15pF
5
12
-
-
-
ns
Propagation Delay,
LE to Qn
(HC/HCT533)
tPLH, tPHL
CL = 50pF
4.5
-
38
48
57
ns
CL = 15pF
5
16
-
-
-
ns
Propagation Delay,
LE to Qn
(HC/HCT563)
tPZL, tPZH
CL = 50pF
4.5
-
35
44
53
ns
CL = 15pF
5
14
-
-
-
ns
Enable Times
(HC/HCT533)
tPLZ, tPZH
CL = 50pF
4.5
-
35
44
53
ns
CL = 15pF
5
14
-
-
-
ns
Disable Times
(HC/HCT533)
tTLH, tTHL
CL = 50pF
4.5
-
30
38
45
ns
CL = 15pF
5
12
-
-
-
ns
Enable and Disable Times
(HC/HCT563)
tPZH, tPZL,
tPHZ, tPLZ
CL = 50pF
4.5
-
35
44
53
ns
CL = 15pF
5
14
-
-
-
ns
Input Capacitance
CI
--
-
10
10
10
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
42
-
-
-
pF
NOTES:
3. CPD is used to determine the no-load dynamic power consumption, per latch.
4. PD (total power per latch) = CPD VCC
2 f
i + Σ CL VCC
2 f
o where fi = Input Frequency, fo = Output Frequency, CL = Output Load
Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
CD54/74HC533, CD54/74HCT533, CD54/74HC563, CD74HCT563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com