Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC533 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC533
Description  High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC533 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC533 Datasheet HTML 1Page - Texas Instruments CD74HC533 Datasheet HTML 2Page - Texas Instruments CD74HC533 Datasheet HTML 3Page - Texas Instruments CD74HC533 Datasheet HTML 4Page - Texas Instruments CD74HC533 Datasheet HTML 5Page - Texas Instruments CD74HC533 Datasheet HTML 6Page - Texas Instruments CD74HC533 Datasheet HTML 7Page - Texas Instruments CD74HC533 Datasheet HTML 8Page - Texas Instruments CD74HC533 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS187C
Features
• Common Latch-Enable Control
• Common Three-State Output Enable Control
• Buffered Inputs
• Three-State Outputs
• Bus Line Driving Capacity
• Typical Propagation Delay = 13ns at VCC = 5V,
CL = 15pF, TA = 25
oC (Data to Output)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC533, ’HCT533, ’HC563, and CD74HCT563 are
high-speed Octal Transparent Latches manufactured with
silicon gate CMOS technology. They possess the low power
consumption of standard CMOS integrated circuits, as well as
the ability to drive 15 LSTTL devices.
The outputs are transparent to the inputs when the latch
enable (LE) is high. When the latch enable (LE) goes low the
data is latched. The output enable (OE) controls the
three-state outputs. When the output enable (OE) is high the
outputs are in the high impedance state. The latch operation
is independent of the state of the output enable.
The ’HC533 and ’HCT533 are identical in function to the
’HC563 and CD74HCT563 but have different pinouts. The
’HC533 and ’HCT533 are similar to the ’HC373 and ’HCT373;
the latter are non-inverting types.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC533F3A
-55 to 125
20 Ld CERDIP
CD54HC563F3A
-55 to 125
20 Ld CERDIP
CD54HCT533F3A
-55 to 125
20 Ld CERDIP
CD74HC533E
-55 to 125
20 Ld PDIP
CD74HC563E
-55 to 125
20 Ld PDIP
CD74HC563M
-55 to 125
20 Ld SOIC
CD74HCT533E
-55 to 125
20 Ld PDIP
CD74HCT563E
-55 to 125
20 Ld PDIP
CD74HCT563M
-55 to 125
20 Ld SOIC
January 1998 - Revised July 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54/74HC533, CD54/74HCT533,
CD54/74HC563, CD74HCT563
High-Speed CMOS Logic Octal Inverting
Transparent Latch, Three-State Outputs
[ /Title
(CD74H
C533,
CD74H
CT533,
CD74H
C563,
CD74H
CT563)
/Subject
(High
Speed


Similar Part No. - CD74HC533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC533 TI-CD74HC533 Datasheet
50Kb / 9P
High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD74HC533 TI-CD74HC533 Datasheet
286Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD74HC533 TI-CD74HC533 Datasheet
288Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD74HC533E TI-CD74HC533E Datasheet
50Kb / 9P
High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD74HC533E TI-CD74HC533E Datasheet
282Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
More results

Similar Description - CD74HC533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC373 TI-CD74HC373 Datasheet
53Kb / 9P
High Speed CMOS Logic Octal Transparent Latch, Three-State Output
CD74HC533 TI-CD74HC533 Datasheet
50Kb / 9P
High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Intersil Corporation
CD54AC373 INTERSIL-CD54AC373 Datasheet
9Kb / 1P
Octal Transparent Latch Three-State, Non-Inverting
June 1997
CD54AC573 INTERSIL-CD54AC573 Datasheet
9Kb / 1P
Octal Transparent Latch Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54HC533 TI-CD54HC533 Datasheet
282Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Integral Corp.
IN74AC533 INTEGRAL-IN74AC533 Datasheet
213Kb / 5P
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
Harris Corporation
CD74HC373 HARRIS-CD74HC373 Datasheet
50Kb / 8P
High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Texas Instruments
CD54HC533 TI-CD54HC533_07 Datasheet
286Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
KODENSHI_AUK CORP.
KK74AC533 KODENSHI-KK74AC533 Datasheet
338Kb / 6P
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC533 TI-CD54HC533_08 Datasheet
288Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com