Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N6111
Description  SILICON PNP SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6111 Datasheet(HTML) 1 Page - STMicroelectronics

  2N6111 Datasheet HTML 1Page - STMicroelectronics 2N6111 Datasheet HTML 2Page - STMicroelectronics 2N6111 Datasheet HTML 3Page - STMicroelectronics 2N6111 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N6107
2N6111
SILICON PNP SWITCHING TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
PNP TRANSISTORS
APPLICATIONS:
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The 2N6107 and 2N6111 are epitaxial-base PNP
silicon
transistors
in
Jedec
TO-220
plastic
package. They are intended for a wide variety of
medium power switching and linear applications.
INTERNAL SCHEMATIC DIAGRAM
June 1997
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
2N6107
2N6111
VCBO
Collector-Base Voltage (IE = 0)
80
40
V
VCEX
Collector-Emitter Voltage (RBE = 100
Ω)80
40
V
VCEO
Collector-Emitter Voltage (IB = 0)
70
30
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
7
A
IB
Base Current
3
A
Ptot
Total Dissipation at Tc = 25
oC40
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
For PNP devices voltage and current values are negative
1/4


Similar Part No. - 2N6111

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6111 MOSPEC-2N6111 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
logo
ON Semiconductor
2N6111 ONSEMI-2N6111 Datasheet
149Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
April, 2002 ??Rev. 5
logo
Boca Semiconductor Corp...
2N6111 BOCA-2N6111 Datasheet
101Kb / 3P
EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
Central Semiconductor C...
2N6111 CENTRAL-2N6111 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6111 ONSEMI-2N6111 Datasheet
73Kb / 8P
Complementary Silicon Plastic Power Transistors
April, 2002 ??Rev. 5
More results

Similar Description - 2N6111

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
PNP Silicon Switching Transistors
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
PNP Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
SWITCHING TRANSISTORS (PNP SILICON)
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
PNP Silicon Switching Transistors
Nov-30-2001
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
PNP Silicon Switching Transistors
2012-08-21
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com