Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS Datasheet(PDF) 1 Page - TT Electronics.

Part # CSS
Description  CURRENT SENSE SMT CHIP RESISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CSS Datasheet(HTML) 1 Page - TT Electronics.

  CSS Datasheet HTML 1Page - TT Electronics. CSS Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
10
• 1 watt in a 2512 package size(2W @25°C)
• Available in 2 & 4 terminal (Kelvin) designs
• Very low resistance range (.0005Ω to .003Ω)
• High current handling capacity (45 amps continuous max)
• Low TCR (20 ppm/°C) resistor alloy
• ±5% & 1% Standard Tolerance (see note on 1% tolerance)
OPERATING CHARACTERISTICS:
• Load Life @ 70°C: 1% ∆ Max
• Moisture No Load: 1% ∆ Max
• Temp Cycle @ -40°C & +125°C: 1% ∆ Max
APPLICATIONS:
• Current Sensing
• Feed Back
• High Frequency
FEATURES:
• Low Inductance
• Rugged Construction
• Surface Mount
DIMENSIONS:
SPECIFICATIONS:
Power
(watts)
1@70° C
Current Rating
(amps)
Range Dependant
(45 cont. max)
Standard Resistance Values
(Ω)
0.0005Ω, 0.001Ω, 0.0015Ω &
0.002Ω, 0.003Ω
*contact factory for other values
Tolerance
(±%)
5%, 1%*
*Product performance within 1% distribution centered on nominal. Test nominal set by a Tegam 1750 at 25°C as calibrated to the test system’s
capability.
CSS SERIES
CURRENT SENSE SMT CHIP RESISTOR
WIREWOUND AND FILM TECHNOLOGIES DIVISION
736 Greenway Road • Boone, North Carolina 28607-1860 • Tel: 828-264-8861 • Fax: 828-264-8866 • www.irctt.com
OBSOLETE


Similar Part No. - CSS

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CSS COPAL-CSS Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
MAGNETIC BUZZER
CSS-0575A-SMT CUI-CSS-0575A-SMT Datasheet
305Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CSS-0575A-SMT-TR CUI-CSS-0575A-SMT-TR Datasheet
486Kb / 4P
MAGNETIC BUZZER TRANSDUCER
01/06/2020
More results

Similar Description - CSS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
CSR1206-0R005F1 RIEDON-CSR1206-0R005F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR1206-0R007F1 RIEDON-CSR1206-0R007F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512A0R007F RIEDON-CSR2512A0R007F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R005F RIEDON-CSR2512B0R005F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R01F RIEDON-CSR25120R01F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com