Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4 Datasheet(PDF) 2 Page - TT Electronics.

Part # FC4
Description  Fusible Carbon Fusible Carbon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FC4 Datasheet(HTML) 2 Page - TT Electronics.

  FC4 Datasheet HTML 1Page - TT Electronics. FC4 Datasheet HTML 2Page - TT Electronics. FC4 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fusible Carbon
Film Resistor
FC4
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
167
Packaging
All FC resistors are supplied tape packed ready for loading
on to automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside
edge of the tapes.
Lead formed resistors can also be supplied. Standard
options of Lancet, Radial and Goalpost forming are shown
in Lead Form Information section.
Alternative packaging available by request.
52
f1
f2
6
6
5
Body location f1 – f2 ≤ 1.4 mm
GRAPH 1 FUSING CHARACTERISTICS (constant voltage)
Applied power (watts)
0.1
3.5
5
10
15
0.5
1.0
2.0
5.0
10
20
30
40
50
100
GRAPH 2
MAXIMUM FUSING VOLTAGE
Resistance value (ohms)
1
10
100
1k
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
Maximum
1.0 - 1k
∆ R%
0.2
Load 1000 hrs at 70°C
>1k to 5.1k
0.8
Derating from rated power at 70°C
zero at 125°C
Climatic
∆R%
0.5
Climatic category
40/125/56
Temperature rapid change
∆R%
0.25
Resistance to solder heat
∆R%
0.5
Vibration and bump
∆R%
0.1
Isolation resistance
ohms
>1G
Performance Data
Type
FC4
Ammo pack
5000
Standard Quantities Per Package
Graph 1
Fusing Characteristics (constant voltage)
Graph 2
Maximum Fusing Voltage
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com