Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4 Datasheet(PDF) 1 Page - TT Electronics.

Part # FN4
Description  Fusible Nickel Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FN4 Datasheet(HTML) 1 Page - TT Electronics.

  FN4 Datasheet HTML 1Page - TT Electronics. FN4 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fusible Nickel
Film Resistors
FN Series
• Predictable fusing characteristics
• Constant current fusing
• Flameproof
FN4
Power rating at 70°C
watts
0.4
Resistance range
ohms
0R1 to 0R91
TCR
ppm/°C
+4200 to +5000
Resistance tolerance*
%
5, 10, 20
Standard values
E24 preferred
Thermal impedance
°C/watt
215
Ambient temperature range
°C
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
* Below 1R, 10 and 20% only.
Electrical Data
04.09
A subsidiary of
TT electronics plc
Welwyn Components
168
Construction
The nickel film is deposited on a high purity ceramic rod. End
caps are force fitted and termination wires welded to the
caps. The resistive film is adjusted to the required value by a
helical cut; finally the flame retardant lacquer protection is
applied to the resistor body and the resistor is marked with an
indelible ink.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
Resistors are colour coded with five bands. Four of the bands
are used to indicate value and tolerance, with IEC 62 colours
being used. A fifth black band denotes constant current
fusibility.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistors will not burn or emit encandescent particles
under any condition of applied temperature or power
overload.
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Wt.
Type
L Max
D Max
f min
d nom
centres
radius
nom
FN4
6.2
2.5
21.0
0.6
10.2
0.6
0.3
Physical Data
L
D
f
d
OBSOLETE


Similar Part No. - FN4

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FN4 WELWYN-FN4 Datasheet
145Kb / 2P
Fusible Nickel Film Resistors
logo
List of Unclassifed Man...
FN402-0.5-02 ETC2-FN402-0.5-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
logo
Schaffner International...
FN402-0.5-02 SCHAFFNER-FN402-0.5-02 Datasheet
572Kb / 4P
Low Cost PCB Filter
logo
List of Unclassifed Man...
FN402-1-02 ETC2-FN402-1-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
logo
Schaffner International...
FN402-1-02 SCHAFFNER-FN402-1-02 Datasheet
572Kb / 4P
Low Cost PCB Filter
More results

Similar Description - FN4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCM0207SI VISHAY-LCM0207SI Datasheet
314Kb / 4P
Carbon Film, Cylindrical, Fusible Resistors
15-Feb-06
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
Fusible Metal Film Resistors
FC4 WELWYN-FC4 Datasheet
104Kb / 2P
Fusible Carbon Film Resistors
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
Fusible Metal Film Resistors
FN4 WELWYN-FN4 Datasheet
145Kb / 2P
Fusible Nickel Film Resistors
WFF WELWYN-WFF Datasheet
90Kb / 3P
Fast Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
Metal Film, Cylindrical, Fusible Resistors
15-Feb-06
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
Metal Film, Fusible Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
Metal Film, Cylindrical, Fusible Resistors
24-Jun-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com