Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCF2 Datasheet(PDF) 1 Page - TT Electronics.

Part # GCF2
Description  General Purpose Carbon Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GCF2 Datasheet(HTML) 1 Page - TT Electronics.

  GCF2 Datasheet HTML 1Page - TT Electronics. GCF2 Datasheet HTML 2Page - TT Electronics. GCF2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A subsidiary of
TT electronics plc
Issue D . 11.06
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
General Purpose
Carbon Film Resistors
Drop in replacement for CF/CR
Low cost
Extensive resistance range
Wide range of sizes and power ratings
RoHS compliant
Limiting element voltage
volts
Resistance range
ohms
Power rating @70°C
watts
Max overload voltage
volts
TCR
ppm/°C
Dielectric withstanding voltage
volts
0.125
0.25
0.25
0.5
0.5
1
1
2
2
3
1R0-1M0 1R0-10M 1R0-1M0 1R0-10M 1R0-10M 1R0-10M 1R0-10M 1R0-10M 1R0-10M 1R0-10M
200
250
200
350
250
500
400
500
500
500
400
500
400
700
500
1000
700
1000
800
1000
300
500
300
700
500
1000
700
1000
700
1000
<10R
:
0±350
<10R ~ <60K
:
0 ~ -500
<60K ~ <200K
:
0 ~ -700
<200K ~ <1M0
:
0 ~ -1000
<1M0K ~ 10M
:
0 ~ -1500
± 5
E24
-55 to +155
Resistance tolerance
%
Ambient temperature range
°C
Standard values
Note: 'S' denotes smaller body size - see physical data
GCF¼
GCF¼S
GCF½
GCF½S
GCF1
GCF1S
GCF2
GCF2S
GCF3S
Electrical Data
d ± 0.10
0.5
0.55
0.5
0.6
0.55
0.8
0.63
0.8
0.8
0.8
f min
25
25
25
25
25
25
25
25
25
25
D max
1.85
2.5
1.85
3.5
3
5.5
5
6.5
5.5
6.5
L max
3.5
6.8
3.5
10
6.8
16
12
17.5
16
17.5
d
f
L
D
min. Bend
Radius
Wt. nom.
PCB mounting
centres
7.6
10.2
7.6
15.2
10.2
20.3
17.8
22.9
20.3
22.9
0.5
0.55
0.5
0.6
0.55
1.2
0.6
1.2
1.2
1.2
0.1
0.3
0.1
0.55
0.35
1.0
0.65
1.2
1.0
1.2
GCF1/8
GCF¼
GCF¼S
GCF½
GCF½S
GCF1
GCF1S
GCF2
GCF2S
GCF3S
Physical Data
GCF Series
OBSOLETE


Similar Part No. - GCF2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GCF2 WELWYN-GCF2 Datasheet
474Kb / 3P
GENERAL PURPOSE CARBON FILM RESISTORS
GCF2S WELWYN-GCF2S Datasheet
474Kb / 3P
GENERAL PURPOSE CARBON FILM RESISTORS
More results

Similar Description - GCF2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GCF WELWYN-GCF Datasheet
474Kb / 3P
GENERAL PURPOSE CARBON FILM RESISTORS
logo
IRC - a TT electronics ...
CF-SERIES IRCTT-CF-SERIES Datasheet
257Kb / 3P
General Purpose Carbon Film Resistors
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
TT Electronics.
CF-14102JBLK TTELEC-CF-14102JBLK Datasheet
304Kb / 3P
General Purpose Carbon Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com