Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCF Datasheet(PDF) 1 Page - TT Electronics.

Part # GPCF
Description  General Purpose Precision Surface Mount Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GPCF Datasheet(HTML) 1 Page - TT Electronics.

  GPCF Datasheet HTML 1Page - TT Electronics. GPCF Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Precision
Surface Mount Resistors
GPCF Series
Precision metal film technology
Ohmic range 10R – 100K
Precision to ±0.1% and 25ppm/°C
Load life stability and humidity to 0.5%
Dimensions (mm) & weight (mg)
L
W
T max
A
C
Wt nom
0402
1.0 ± 0.1
0.5 ± 0.05
0.45
0.25 ± 0.1
0.2 ± 0.1
0.65
0603
1.6 ± 0.1
0.8 ± 0.15
0.55
0.3 ± 0.2
0.3 ± 0.2
2.05
0805
2.0 ± 0.15
1.25 ± 0.15
0.65
0.4 ± 0.2
0.4 ± 0.2
4.25
1206
3.1 ± 0.15
1.55 ± 0.15
0.70
0.45 ± 0.2
0.5 ± 0.3
8.06
0402
0603
0805
1206
Power rating @70°C
watts
0.063
0.1
0.125
0.25
Limiting element voltage
volts
50
75
150
Resistance range
ohms
10R – 100K
Resistance tolerance
%
0.1, 1
TCR (20 to 70°C)
ppm/°C
25, 50
Values
E24 & E96 preferred. Other values may be available by request.
Insulation resistance (100V, 60s)
ohms
1G min
Voltage proof (60s)
volts
300
500
Ambient temperature range
°C
-55 to 155
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor. The
unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts the
resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with nickel then tin. Each resistor is
measured immediately before packing into tape.
Terminations
The chips are supplied with 100% Sn matte plated wrap-around terminations suitable for soldering.
Solderability
The terminations have an electroplated nickel barrier and tin coating. This ensures excellent ‘leach’ resistance properties and
solderability.
Marking
The 0402 chips are not marked. 3 digit marking is used on the 0603 size and 4 digit marking on larger sizes and E96 values.
Electrical Data
Physical Data
Resistors
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
OBSOLETE


Similar Part No. - GPCF

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
Sound Controller with 24KB ROM
GPC10024D-NnnV-C GENERALPLUS-GPC10024D-NnnV-C Datasheet
399Kb / 15P
Sound Controller with 24KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
Sound Controller with 48KB ROM
GPC10048A-NnnV-C GENERALPLUS-GPC10048A-NnnV-C Datasheet
398Kb / 15P
Sound Controller with 48KB ROM
GPC10064A GENERALPLUS-GPC10064A Datasheet
396Kb / 15P
Sound Controller with 64K-byte ROM
More results

Similar Description - GPCF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC01 VISHAY-WSC01 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
PCF WELWYN-PCF Datasheet
1Mb / 4P
PRECISION SURFACE MOUNT RESISTORS
WCR WELWYN-WCR_13 Datasheet
643Kb / 3P
General Purpose Surface Mounted Resistors
logo
Vishay Siliconix
WSC2515R3300FEA VISHAY-WSC2515R3300FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC251550R00FEA VISHAY-WSC251550R00FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
logo
List of Unclassifed Man...
WCR0805-39KFI ETC2-WCR0805-39KFI Datasheet
424Kb / 3P
GENERAL PURPOSE SURFACE MOUNTED RESISTORS
WCR1206 ETC2-WCR1206 Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
SM2 ETC-SM2 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
WCR1206-3K9FI ETC2-WCR1206-3K9FI Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com