Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2611 Datasheet(PDF) 2 Page - ON Semiconductor

Part # HCPL2611
Description  Single-Channel: 6N137, HCPL2601, HCPL2611 Dual-Channel: HCPL2630, HCPL2631 High Speed 10MBit/s Logic Gate Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL2611 Datasheet(HTML) 2 Page - ON Semiconductor

  HCPL2611 Datasheet HTML 1Page - ON Semiconductor HCPL2611 Datasheet HTML 2Page - ON Semiconductor HCPL2611 Datasheet HTML 3Page - ON Semiconductor HCPL2611 Datasheet HTML 4Page - ON Semiconductor HCPL2611 Datasheet HTML 5Page - ON Semiconductor HCPL2611 Datasheet HTML 6Page - ON Semiconductor HCPL2611 Datasheet HTML 7Page - ON Semiconductor HCPL2611 Datasheet HTML 8Page - ON Semiconductor HCPL2611 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.8
January 2011
Single-Channel: 6N137, HCPL2601, HCPL2611
Dual-Channel: HCPL2630, HCPL2631
High Speed 10MBit/s Logic Gate Optocouplers
Features
■ Very high speed – 10 MBit/s
■ Superior CMR – 10 kV/µs
■ Double working voltage-480V
■ Fan-out of 8 over -40°C to +85°C
■ Logic gate output
■ Strobable output
■ Wired OR-open collector
■ U.L. recognized (File # E90700)
Applications
■ Ground loop elimination
■ LSTTL to TTL, LSTTL or 5-volt CMOS
■ Line receiver, data transmission
■ Data multiplexing
■ Switching power supplies
■ Pulse transformer replacement
■ Computer-peripheral interface
Description
The 6N137, HCPL2601, HCPL2611 single-channel and
HCPL2630,
HCPL2631
dual-channel
optocouplers
consist of a 850 nm AlGaAS LED, optically coupled to a
very high speed integrated photo-detector logic gate with
a strobable output. This output features an open collec-
tor, thereby permitting wired OR outputs. The coupled
parameters are guaranteed over the temperature range
of -40°C to +85°C. A maximum input signal of 5mA will
provide a minimum output sink current of 13mA (fan out
of 8).
An internal noise shield provides superior common
mode rejection of typically 10kV/µs. The HCPL2601 and
HCPL2631 has a minimum CMR of 5kV/µs. The
HCPL2611 has a minimum CMR of 10kV/µs.
Schematics
Package Outlines
8
1
8
1
8
1
A 0.1µF bypass capacitor must be connected between pins 8 and 5(1).
1
2
3
4
5
6
7
8
N/C
_
V
CC
V
E
V
O
GND
+
N/C
V
F
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL2630
HCPL2631
6N137
HCPL2601
HCPL2611
Truth Table (Positive Logic)
Input
Enable
Output
H
H
L
L
H
H
H
L
H
L
L
H
H
NC
L
L
NC
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com