Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6490 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N6490
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6490 Datasheet(HTML) 2 Page - STMicroelectronics

  2N6490 Datasheet HTML 1Page - STMicroelectronics 2N6490 Datasheet HTML 2Page - STMicroelectronics 2N6490 Datasheet HTML 3Page - STMicroelectronics 2N6490 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
1.67
70
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = -1.5V)
for 2N6487/2N6490
VCE = 65 V
for 2N6488
VCE = 85 V
Tc = 150
oC
for 2N6487/2N6490
VCE = 60 V
for 2N6488
VCE = 80 V
0.5
0.5
5
5
mA
mA
mA
mA
ICER
Collector Cut-off
Current (RBE = 100
Ω)
for 2N6487/2N6490
VCE = 55 V
for 2N6488
VCE = 75 V
0.5
0.5
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
for 2N6487/2N6490
VCE = 30 V
for 2N6488
VCE = 40 V
1
1
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 200 mA
for 2N6487/2N6490
for 2N6488
60
80
V
V
VCER(sus)
∗ Collector-Emitter
Sustaining Voltage
(RBE = 100
Ω)
IC = 200 mA
for 2N6487/2N6490
for 2N6488
65
85
V
V
VCEX(sus)
∗ Collector-Emitter
Sustaining Voltage
(VBE=-1.5V, RBE=100
Ω)
IC = 200 mA
for 2N6487/2N6490
for 2N6488
70
90
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 5 A
IB = 0.5 A
IC = 15 A
IB = 5 A
1.3
3.5
V
V
VBE
∗
Base-Emitter Voltage
IC = 5 A
VCE = 4 V
IC = 15 A
VCE = 4 V
1.3
3.5
V
V
hFE
∗
DC Current Gain
IC = 5 A
VCE = 4 V
IC = 15 A
VCE = 4 V
20
5
150
hfe
Small Signal Current
Gain
IC = 1 A
VCE = 4 V
f = 1MHz
IC = 1 A
VCE = 4 V
f = 1KHz
5
25
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP types voltage and current values are negative.
2N6487 / 2N6488 / 2N6490
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com