Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC Datasheet(PDF) 2 Page - Parallax Inc

Part # SX28AC
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC Datasheet(HTML) 2 Page - Parallax Inc

  SX28AC Datasheet HTML 1Page - Parallax Inc SX28AC Datasheet HTML 2Page - Parallax Inc SX28AC Datasheet HTML 3Page - Parallax Inc SX28AC Datasheet HTML 4Page - Parallax Inc SX28AC Datasheet HTML 5Page - Parallax Inc SX28AC Datasheet HTML 6Page - Parallax Inc SX28AC Datasheet HTML 7Page - Parallax Inc SX28AC Datasheet HTML 8Page - Parallax Inc SX28AC Datasheet HTML 9Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 2 of 51
Rev 1.6 11/20/2006
Table of Contents
1.0
Product Overview......................................................... 1
1.1.
Introduction ................................................................................1
1.2.
Key Features..............................................................................3
1.3.
Architecture................................................................................4
1.4.
Programming Benefits in Assembly and High-Level Languages 4
1.4.1.
Parallax SX/B Basic Compiler ...............................................................4
1.5.
Programming and Debugging Support .......................................4
1.6.
Applications................................................................................4
1.7.
Support ......................................................................................4
1.8.
Part Numbering..........................................................................5
2.0
Connection Diagrams .................................................. 6
2.1.
Pin Assignments ........................................................................6
2.2.
Pin Descriptions .........................................................................6
2.3.
Typical Connection Diagrams ....................................................7
3.0
Port Descriptions ......................................................... 9
3.1.
Reading and Writing the Ports ...................................................9
3.1.1.
Read-Modify-Write Considerations......................................................11
3.2.
Port Configuration ....................................................................11
3.2.1.
MODE Register ...................................................................................11
3.2.2.
Port Configuration Registers ...............................................................11
3.2.3.
Port Configuration Upon Reset............................................................12
4.0
Special-Function Registers....................................... 13
4.1.
PC Register (02h) ....................................................................13
4.2.
STATUS Register (03h) ...........................................................13
4.3.
OPTION Register.....................................................................14
5.0
Device Configuration Registers................................ 15
5.1.
FUSE Word (Read/Program at FFFh in Main Memory Map) ....15
5.2.
FUSEX Word (Read/Program via Programming Command) ....16
5.3.
DEVICE Word (Hard-Wired Read-Only)...................................16
6.0
Memory Organization ................................................ 17
6.1.
Program Memory .....................................................................17
6.1.1.
Program Counter.................................................................................17
6.1.2.
Subroutine Stack .................................................................................17
6.2.
Data Memory ...........................................................................17
6.2.1.
File Select Register (04h)....................................................................17
7.0
Power Down Mode ..................................................... 19
7.1.
Multi-Input Wakeup ..................................................................19
7.2.
Port B MIWU/Interrupt Configuration........................................20
8.0
Interrupt Support........................................................ 21
9.0
Oscillator Circuits ...................................................... 23
9.1.
XT, LP or HS modes ................................................................23
9.2.
75 MHz Operation....................................................................25
9.3.
External RC Mode....................................................................25
9.4.
Internal RC Mode.....................................................................25
10.0
Real Time Clock (RTCC)/Watchdog Timer............... 26
10.1.
RTCC.......................................................................................26
10.2.
Watchdog Timer ...................................................................... 26
10.3.
The Prescaler .......................................................................... 26
11.0
Comparator .................................................................27
12.0
Reset............................................................................28
13.0
Brown-Out Detector ...................................................29
14.0
Register States upon Different Reset Operations ...30
15.0
Instruction Set ............................................................31
15.1.
Instruction Set Features........................................................... 31
15.2.
Instruction Execution ............................................................... 31
15.3.
Addressing Modes ................................................................... 31
15.4.
RAM Addressing...................................................................... 32
15.5.
The Bank Instruction................................................................ 32
15.6.
Bit Manipulation ....................................................................... 32
15.7.
Input/Output Operation ............................................................ 32
15.8.
Increment/Decrement .............................................................. 32
15.9.
Loop Counting and Data Pointing Testing................................ 32
15.10.
Branch and Loop Call Instructions ........................................... 32
15.10.1.
Jump Operation .................................................................................. 33
15.10.2.
Page Jump Operation......................................................................... 33
15.10.3.
Call Operation..................................................................................... 33
15.10.4.
Page Call Operation ........................................................................... 33
15.11.
Return Instructions................................................................... 33
15.12.
Subroutine Operation............................................................... 33
15.12.1.
Push Operation................................................................................... 33
15.12.2.
Pop Operation .................................................................................... 34
15.13.
Comparison and Conditional Branch Instructions .................... 34
15.14.
Logical Instruction.................................................................... 34
15.15.
Shift and Rotate Instructions.................................................... 34
15.16.
Complement and SWAP.......................................................... 34
16.0
Native SX Instruction Set Summary Tables .............35
16.1.
Equivalent Assembler Mnemonics ........................................... 39
17.0
Electrical Characteristics...........................................40
17.1.
Absolute Maximum Ratings ..................................................... 40
17.2.
DC Characteristics................................................................... 41
17.3.
AC Characteristics ................................................................... 42
17.4.
Comparator DC and AC Specifications.................................... 42
17.5.
Typical Performance Characteristics (25°C) ............................ 43
18.0
Package Dimensions..................................................46
18.1.
SX20AC/SS ............................................................................. 46
18.2.
SX28AC/SS ............................................................................. 47
18.3.
SX28AC/DP............................................................................. 48
19.0
Manufacturing Information ........................................49
19.1.
Reflow Peak Temperature ....................................................... 49
19.2.
MSL3 Compliance ................................................................... 49
19.3.
Green/RoHS Compliance ........................................................ 49
19.4.
Stress Testing Data Summary ................................................. 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com