Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS-G Datasheet(PDF) 9 Page - Parallax Inc

Part # SX20AC/SS-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS-G Datasheet(HTML) 9 Page - Parallax Inc

Back Button SX20AC/SS-G Datasheet HTML 5Page - Parallax Inc SX20AC/SS-G Datasheet HTML 6Page - Parallax Inc SX20AC/SS-G Datasheet HTML 7Page - Parallax Inc SX20AC/SS-G Datasheet HTML 8Page - Parallax Inc SX20AC/SS-G Datasheet HTML 9Page - Parallax Inc SX20AC/SS-G Datasheet HTML 10Page - Parallax Inc SX20AC/SS-G Datasheet HTML 11Page - Parallax Inc SX20AC/SS-G Datasheet HTML 12Page - Parallax Inc SX20AC/SS-G Datasheet HTML 13Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 9 of 51
Rev 1.6 11/20/2006
3.0
PORT DESCRIPTIONS
All models contain a 4-bit I/O port (Port A), an 8-bit I/O
port (Port B). The SX28 also contains a second 8-bit I/O
port (Port C). Port A provides symmetrical drive
capability. Each port has three associated 8-bit registers
(Direction, Data, TTL/CMOS Select, and Pull-Up Enable)
to configure each port pin as Hi-Z input or output, to
select TTL or CMOS voltage levels, and to enable/disable
the weak pull-up resistor. The upper four bits of the
registers associated with Port A are not used. The least
significant bit of the registers corresponds to the least
significant port pin. To access these registers, an
appropriate value must be written into the MODE
register. Upon power-up, all bits in these registers are
initialized to “1”. The associated registers allow for each
port bit to be individually configured under software
controls as shown below.
Table 3-1: Port Configuration
Data Direction Registers:
RA, RB, RC
TTL/CMOS Selected Registers:
LVL_A, LVL_B, LVL_C
Pullup Enable Registers:
PLP_A, PLP_B, PLP_C
0
1
0
1
0
1
Output
Hi-Z Input
CMOS
TTL
Enable
Disable
Figure 3-1
Port A Configuration
3.1.
Reading and Writing the Ports
The three ports are memory-mapped into the data memory
address space. To the CPU, the three ports are available as
the RA, RB, and RC file registers at data memory
addresses 05h, 06h, and 07h, respectively. Writing to a
port data register sets the voltage levels of the
corresponding port pins that have been configured to
operate as outputs to a corresponding level, 1 = 5 V,
0 = 0 V. Reading from a register reads the voltage levels
of all port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com