Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0452BLEGK Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0452BLEGK
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452BLEGK Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0452BLEGK Datasheet HTML 17Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 18Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 19Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 20Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 21Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 22Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 23Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 24Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
F0452B Datasheet
© 2019 Renesas Electronics Corporation
21
July 13, 2021
Table 10. Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1, C6
0
DNP
C2 - C5
4
CAP CER 100pF 50V 5% NP0 (0402)
GRM1555C1H101JA01D
Murata
C7, C9, C11, C13
4
CAP CER 10000pF 50V 10% X7R (0402)
GRM155R71H103KA88D
Murata
C8, C10, C12, C14
4
CAP CER 1µF 10V 10% X5R (0402)
GRM155R61A105KE15D
Murata
C15
1
CAP CER 10000pF 50V 5% C0G/NP0 (0603)
GRM1885C1H103JA01D
Murata
C17-C20
1
CAP CER 8.0pF ±0.1pF 50V NP0 (0402)
GJM1555C1H8R0BB01D
Murata
R1, R6
1
0Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF0000X
Panasonic
R2-R5
4
100Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
R7
1
1kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1001X
Panasonic
R8
1
1.3kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1301X
Panasonic
J1- J6, J10, J11
8
SMA Edge Mount
142-0761-881
Cinch Connectivity
J7
1
CONN HEADER VERT SGL 8POS GOLD
961108-6404-AR
3M
J9
1
CONN SMA JACK STR 50OHM EDGE MNT
142-0701-851
Cinch Connectivity
TP1, TP2
SW1
1
8 Pin DIP Switch (3 POS)
KAT1108E
E-Switch
U1
1
Dual Path RF Switch + LNA + DVGA 5X5 LGA
F0452BLEGK
Renesas (IDT)
1
Printed Circuit Board
F0453 EVKIT Stripline R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com