Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-S-R Datasheet(PDF) 1 Page - EP-TeQ

Part # A-S-R
Description  Non-Replaceable Probe - Epoxy Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERETT-CHARLES-TECH [EP-TeQ]
Direct Link  https://www.ep-teq.com/
Logo EVERETT-CHARLES-TECH - EP-TeQ

A-S-R Datasheet(HTML) 1 Page - EP-TeQ

  A-S-R Datasheet HTML 1Page - EP-TeQ A-S-R Datasheet HTML 2Page - EP-TeQ  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-S
Non-Replaceable Probe - Epoxy Mount
Product Family: A-S
Springs
Force Type – Preload in oz (g) – Rec. Travel in oz (g) -
Spring Material
Standard - 0.70 (20.00) - 1.30 (37.00) - Stainless Steel, Gold
plated
Additional information:
The recommended hole is .0380(#62 drill) for epoxy mounting
Mechanical:
Test Center (mil): 50
Test Center (mm): 1.27
Overall Length (mil): 230
Overall Length (mm): 5.84
Full Travel (mil): 30
Full Travel (mm): 0.76
Recommended Travel (mil): 20
Recommended Travel (mm): 0.51
Rec. Mounting Hole Size (mil): 38
Rec. Mounting Hole Size (mm): 0.97
Recommended Drill Size: #62 or 0.97 mm
Thermal:
Max Operating Temp (°C): 150
Min Operating Temp (°C): -55
Electrical:
Current Rating (Amps): 2
Average DC Resistance lower than (mOhm): 30
Materials & Finishes:
Plunger Material: Heat-treated BeCu or Brass, Gold
plated
Barrel Material: Brass, Gold plated
Ball Material: Stainless Steel


Similar Part No. - A-S-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-S-122-14T MOLEX4-A-S-122-14T Datasheet
111Kb / 2P
Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
A-S-132-06T MOLEX4-A-S-132-06T Datasheet
111Kb / 2P
Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6,Mylar Tape Carrier
A-S-132-08T MOLEX4-A-S-132-08T Datasheet
111Kb / 2P
Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8
A-S-133-10T MOLEX4-A-S-133-10T Datasheet
111Kb / 2P
Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
More results

Similar Description - A-S-R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
5689A POMONA-5689A Datasheet
49Kb / 1P
Replaceable Tip Test Probe With Banana Jack
5950A POMONA-5950A Datasheet
39Kb / 1P
Test Probe Set Replaceable Tip
5951A POMONA-5951A Datasheet
38Kb / 1P
Test Probe Set Replaceable Tip
6341 POMONA-6341 Datasheet
147Kb / 2P
Replaceable Tip Precision Electronic Probe
6477 POMONA-6477 Datasheet
42Kb / 1P
Replaceable Tip Test Probe Set
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
Non-inductive, coated with epoxy resin or flame retardant epoxy power
JFD JBCAPACITORS-JFD Datasheet
344Kb / 2P
Non-inductive, plastic case and epoxy resin
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com