Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-846 Datasheet(PDF) 2 Page - TEKTRONIX, INC

Part # CS-846
Description  High Speed Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

CS-846 Datasheet(HTML) 2 Page - TEKTRONIX, INC

  CS-846 Datasheet HTML 1Page - TEKTRONIX, INC CS-846 Datasheet HTML 2Page - TEKTRONIX, INC CS-846 Datasheet HTML 3Page - TEKTRONIX, INC CS-846 Datasheet HTML 4Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A Greater Measure of Confidence
The Models 2303/2304a perform a continu-
ous integration to make peak, average, and
baseline measurements on complex load
current waveforms. Integration times can be
programmed with 33.3µs resolution.
Trigger
Level
33.3
µs is the
narrowest (shortest)
time interval
High
Low
Average
Low
High
Average
I= i dt
i
t
fast Measurements for
Power Consumption analysis
As manufacturers of portable devices strive
to extend battery life and the length of time
between recharges, power consumption has
become an important performance indicator.
Therefore, in production testing, accurate peak
power and average power measurements are criti-
cal. These measurements are complicated by the
fact that wireless telecommunication devices draw
full load current in short pulses. The Models
2303/2304A’s pulse readback measurement mode
makes it possible to capture peak and average
values on pulses as short as 60µs. This allows the
power supply to power a device-under-test and
determine its current consumption to qualify the
device for its specified power consumption.
In addition to making measurements on short
pulses, the 2303/2304A power supplies can
measure a current pulse peak or a current pulse
train that is as long as 833ms. For random pulse
trains that have periods longer than 833ms, the
power supplies have a special long integration
mode that can make an average current meas-
urement on up to 60s of data. To capture low
current pulses from very low power devices, the
Model 2303-PJ provides pulse measurement on
both the 5A and 500mA ranges.
accurate low Current Measurements
The Models 2303/2304A are well-suited for
making fast, accurate measurements of sleep and
standby mode currents because they are based on
Keithley’s expertise in low current measurement
technologies. With 100nA resolution, the power
supplies offer the precision needed to monitor
the low sleep mode currents in today’s products
and in future products. They can also measure
these low currents with 0.2% basic accuracy.
High Current sinking Capacity
Keithley’s power supplies can act as an electron-
ic load and sink as much as 3A (Model 2304A)
and 2A (Model 2303), so they can simulate a
discharged rechargeable battery. Therefore,
they can be used to verify the performance of a
portable device’s charger. The power supplies’
current dissipation capacity allows them to test
even high-current fast chargers.
Independent Digital Voltmeter Inputs
While many programmable power supplies offer
output readback capabilities, Keithley’s power
supplies are the only instruments available that
also offer a set of DVM inputs. These inputs allow
the Model 2304A to measure signals from 0 to
+20V (0 to +15V for the Model 2303) anywhere
in the test system with the same rated accuracy
as the voltage readback . The DVM and the power
source can operate simultaneously. For many
applications, the power supplies’ built-in DVM
eliminates the expense and space that a separate
voltage measurement instrument would require.
remote Display option
If the Model 2303 or 2304A must be mounted
in a location in which the display is not readily
visible, an optional Model 2304-DISP Display
Module can be mounted at a more convenient
point, then plugged into the power supply unit.
The display module also includes all instrument
controls, so that the power supply can be oper-
ated remotely from the more accessible location.
ordering Information
2304a
High speed Precision
readback Power
supply (100W)
2303
High speed Precision
readback Power
supply (45W)
2303-PJ
High speed Precision
readback Power supply
(45W, 500ma range
replaces 5ma range)
accessories supplied
user and service manuals,
Cs-846 output connectors
mating terminal
aCCEssorIEs aVaIlablE
2304-DISP
Remote Display
CS-846
Mating Output Connector
CablEs
7007-1
Shielded IEEE-488 Cable, 1m (3.3 ft)
7007-2
Shielded IEEE-488 Cable, 2m (6.6 ft)
SC-182
Low-Inductance Coaxial Cable (42nH/ft)
raCK MouNT KITs
4288-1
Single Fixed Rack Mount Kit
4288-2
Dual Fixed Rack Mount Kit
IEEE-488 INTErfaCEs
KPCI-488LPA
IEEE-488 Interface/Controller for the PCI Bus
KUSB-488B
IEEE-488 USB-to-GPIB Interface Adapter
sErVICEs aVaIlablE
2303-3Y-EW
1-year factory warranty extended to 3 years
from date of shipment
2303-PJ-3Y-EW
1-year factory warranty extended to 3 years
from date of shipment
2304A-3Y-EW
1-year factory warranty extended to 3 years
from date of shipment
C/2303-3Y-ISO
3 (ISO-17025 accredited) calibrations within 3
years of purchase for Models 2303, 2303-PJ*
C/2304A-3Y-ISO 3 (ISO-17025 accredited) calibrations within 3
years of purchase for Model 2304A*
*Not available in all countries
Model 2303/2304a block Diagram showing
DC DVM measurement capability
DVM
+
-
+
-
Vout
Vin
0–20V DC
2303, 2304a
High Speed Power Supplies



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com