Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5305 Datasheet(PDF) 1 Page - ams AG

Part # AS5305
Description  Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5305 Datasheet(HTML) 1 Page - ams AG

  AS5305 Datasheet HTML 1Page - ams AG AS5305 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS5305 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.4
www.austriamicrosystems.com
Page 1 of 2
1
General Description
The AS5305 is a single-chip IC with integrated Hall
elements for measuring linear or rotary motion using multi-
pole magnetic strips or rings.
This allows the usage of the AS5305 in applications where
the Sensor IC cannot be mounted at the end of a rotating
device (e.g. at hollow shafts). Instead, the AS5305 is
mounted off-axis underneath a multi-pole magnetized ring
or strip and provides a quadrature incremental output with
40 pulses per period at speeds of up to 20m/sec.
Using, for example, a 32pole-pair magnetic ring, the
AS5305 can provide a resolution of 1280 pulses/rev, which
is equivalent to 5120 positions/rev or 12,3bit. The
maximum speed at this configuration is 9375 rpm.
The default pole pair length is 4mm (2mm north pole / 2mm
south pole). However, the chip accepts a wide range of
multi-pole magnetic strips or rings with pole pair lengths
between 2.26 and 5.91mm and magnetic field strengths
down to 5mT. The pole pair length can be adjusted by
programming. A minimum pole pair length of 2,26mm
allows a resolution of 14,125 m per position step.
In addition to the multi-pole high-resolution track, the
AS5305 can read a second multi-pole reference track that
generates a single or multiple reference index pulse per
revolution, for absolute position identification.
The AS5305 is available in a small 20-pin TSSOP package
and specified for an operating ambient temperature of
-40° to +125°C.
Figure 1: Two differ ent configurations of AS5305 with single or
double tr ack multipole ring magnet
2
Benefits
•
Complete system-on-chip
•
High reliability due to non-contact sensing
•
Extended temperature range
•
Suitable for the use in harsh environments
•
Robust against external magnetic stray fields
3
Key Features
•
High speed, up to 20m/s
•
Down to 14 m resolution per position step
•
User programmable pole length
•
Single index pulse per revolution for absolute position
measurement using a second magnetic track
•
40 pulses per magnetic period.
•
Linear
movement
measurement
using
multi-pole
magnetic strips
•
Circular off-axis movement measurement using multi-
pole magnetic rings
•
4.5 to 5.5V operating voltage
•
Magnetic field strength indicator
4
Applications
The AS5305 is ideal for high speed linear motion and off-
axis rotation measurement in applications such as
•
electrical motors
•
X-Y-stages
•
rotation knobs
•
industrial drives
Figure 2: AS5305 with magnetic multipole str ip
for linear motion measur ement
DATA SHEET
PRELIMINARY FACT SHEET
AS5305
Integrated Hall IC for
Linear and Off-Axis Rotary Motion Detection
PRELIMINARY FACT SHEET


Similar Part No. - AS5305

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5304 AMSCO-AS5304 Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
AS5304 AMSCO-AS5304 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
AS5304 AMSCO-AS5304 Datasheet
507Kb / 31P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
AS5304A AMSCO-AS5304A Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
More results

Similar Description - AS5305

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
3-Axis Orientation/Motion Detection Sensor
logo
ams AG
AS5304 AMSCO-AS5304 Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
3-Axis Orientation/Motion Detection Sensor
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
Asahi Kasei Microsystem...
EQ0321 AKM-EQ0321 Datasheet
469Kb / 20P
Programmable linear Hall IC for 1 axis
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
3D Hall Position Sensor for Linear and Off-Axis Applications
logo
IC-Haus GmbH
IC-PVL ICHAUS-IC-PVL Datasheet
1Mb / 33P
LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
ams AG
AS5304 AMSCO-AS5304_V02 Datasheet
507Kb / 31P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com