Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXAPNMNF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXAPNMNF
Description  N-MALE TO N-FEMALE ADAPTER PIM RATED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXAPNMNF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXAPNMNF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
MATERIAL
FINISH
GASKETS
SILICONE RUBBER
---
BODY
BRASS
CuSnZn3
INSULATOR
PTFE
SILVER
CENTER CONTACT
BRONZE
SILVER
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC-3GHz
VSWR: < 1.1
PASSIVE INTERMODULATION(PIM): < -160dBc
DIELECTRIC WITHSTANDING VOLTAGE: 2500V
INSERTION LOSS: < .05 dB
INSULATION RESISTANCE: > 5000M OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 1.0m OHM
OUTER CONTACT: < 0.25m OHM
MECHANICAL:
DURABILITY: > 500
INTERFACE DIMENSIONS CONFORMABLE TO IEC 60169-16
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
H
.75 19
5/8-24UNEF-2B
5/8-24UNEF-2A
1.57 39.8
N-MALE TO N-FEMALE ADAPTER
MAY OCCUR
09/30/15
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-PNMNF
AXA-PNMNF.SLDDRW
11
K.BURGNER
09/30/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
09/30/15
10/28/15
INITIAL RELEASE
D.GRIFFIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
MAY OCCUR
09/30/15
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-PNMNF
A
AXA-PNMNF.SLDDRW
11
K.BURGNER
09/30/15
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
09/30/15
10/28/15
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
PIM RATED
COAXIAL
PROJECTION
FSCM NO.
43321
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - AXAPNMNF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXAPNFNF L-COM-AXAPNFNF Datasheet
40Kb / 1P
N-FEMALE TO N-FEMALE ADAPTER PIM RATED
09/28/15
More results

Similar Description - AXAPNMNF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
172369 AMPHENOL-172369 Datasheet
441Kb / 1P
N MALE TO N MALE ADAPTER, LOW PIM
172370 AMPHENOL-172370 Datasheet
375Kb / 1P
N FEMALE TO N FEMALE ADAPTER, LOW PIM
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
172372 AMPHENOL-172372 Datasheet
374Kb / 1P
N MALE TO N FEMALE ADAPTER, LOW PIM
242265 AMPHENOL-242265 Datasheet
374Kb / 1P
N FEMALE TO SMA MALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE91040 PASTERNACK-PE91040 Datasheet
260Kb / 3P
Low PIM N Male to N Female Adapter Low VSWR
PE91177 PASTERNACK-PE91177 Datasheet
326Kb / 3P
Low PIM N Male to SMA Female Adapter
PE91178 PASTERNACK-PE91178 Datasheet
326Kb / 3P
Low PIM N Female to SMA Male Adapter
PE91388 PASTERNACK-PE91388 Datasheet
357Kb / 4P
Low PIM N Male to 4.3-10 Female Adapter
PE91389 PASTERNACK-PE91389 Datasheet
357Kb / 4P
Low PIM 4.3-10 Male to N Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com