Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6-RSPRSJBW-9 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AL6-RSPRSJBW-9
Description  LP, RP-SMA P TO RP-SMA J 0-6GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AL6-RSPRSJBW-9 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AL6-RSPRSJBW-9 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K.BURGNER
ELECTRICAL SPECIFICATIONS
FREQUENCY RANGE
0 - 6 GHz
VSWR
1 : 1.2 MAX (0 - 6 GHz)
INSERTION LOSS
0.6 dB MAX ( 0 - 6 GHz)
IMPEDANCE
50 OHM
GAS TUBE BREAKDOWN
VOLTAGE
180 V ± 20%
MECHANICAL SPECIFICATIONS
CONNECTORS
RP-SMA PLUG TO RP-SMA JACK
BULKHEAD
CONNECTOR BODY MATERIAL
NICKEL PLATED BRASS
BODY MATERIAL
NICKEL PLATED BRASS
PIN MATERIAL
GOLD PLATED BRASS
O"-RING
RUBBER
DIMENSIONS (MAX)
2.1 X 0.9 X 1.2 IN (53 X 23 X 31mm)
WEIGHT
0.25 LBS (0.11 kg)
NOTES:
1. LIGHTNING PROTECTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM PACKAGING SPEC. PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
B
RP-SMA JACK
.528
13.41
RP-SMA PLUG
GAS TUBE
GROUNDING WIRE
HEX NUT
5/8-24UNEF
SPLIT LOCK WASHER
CRIMP RING TERMINAL FOR
1/4-36UNS-2A
2.05
52.1
.62
15.7
06/21/2011
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AL6-RSPRSJBW-9
B
AL6-RSPRSJBW-9.SLDDRW
11
K.BURGNER
06/21/2011
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
06/21/2011
06/21/2011
A
B
INITIAL RELEASE
ECN 9475: REVISED GAS TUBE BREAKDOWN FROM 90V TO 180 V
10/25/2018
BPUCHASKI
DFRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
LP, RP-SMA P TO RP-SMA J 0-6GHz
LIGHTNING PROTECTOR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
BPUCHASKI
UNDIMENSIONED FEATURES
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - AL6-RSPRSJBW-9

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
AL6-LP IDEC-AL6-LP Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
Infinite Electronics In...
AL6-NFNFBW-9 L-COM-AL6-NFNFBW-9 Datasheet
99Kb / 2P
0-6 GHz Lightning Surge Protector N-Female to N-Female Bulkhead
AL6-NMNFBW-9 L-COM-AL6-NMNFBW-9 Datasheet
77Kb / 2P
0-6 GHz Lightning Surge Protector N-Male to N-Female Bulkhead
AL6-SFSFBW-9 L-COM-AL6-SFSFBW-9 Datasheet
274Kb / 2P
LP, SMA J TO SMA .0-6GHz
4/15/20
AL6-SMSFBW-9 L-COM-AL6-SMSFBW-9 Datasheet
278Kb / 2P
LP, SMA P TO SMA J 0-6GHz
4/15/20
More results

Similar Description - AL6-RSPRSJBW-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
336314-13-0050 ETC2-336314-13-0050 Datasheet
331Kb / 1P
RP SMA STR BHD
logo
Linx Technologies
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com