Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13306WT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD13306WT.B
Description  CSD13306W 12 V N Channel NexFET™ Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13306WT.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD13306WT.B Datasheet HTML 1Page - Texas Instruments CSD13306WT.B Datasheet HTML 2Page - Texas Instruments CSD13306WT.B Datasheet HTML 3Page - Texas Instruments CSD13306WT.B Datasheet HTML 4Page - Texas Instruments CSD13306WT.B Datasheet HTML 5Page - Texas Instruments CSD13306WT.B Datasheet HTML 6Page - Texas Instruments CSD13306WT.B Datasheet HTML 7Page - Texas Instruments CSD13306WT.B Datasheet HTML 8Page - Texas Instruments CSD13306WT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Qg - Gate Charge (nC)
0
1
2
3
4
5
6
7
8
9
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D004
ID = 1.5 A
VDS = 6 V
VGS - Gate-To-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
D007
TC = 25°C, I D = 1.5 A
TC = 125°C, I D = 1.5 A
G
S
D
S
D
D
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD13306W
SLPS537 – MARCH 2015
CSD13306W 12 V N Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
•
Ultra Low on Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Low Qg and Qgd
VDS
Drain-to-Source Voltage
12
V
•
Small Footprint 1 × 1.5 mm
Qg
Gate Charge Total (4.5 V)
8.6
nC
Qgd
Gate Charge Gate-to-Drain
3.0
nC
•
Low Profile 0.62 mm Height
VGS = 2.5 V
12.9
m
Ω
•
Pb Free
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5 V
8.8
m
Ω
•
RoHS Compliant
VGS(th)
Voltage Threshold
1.0
V
•
Halogen Free
Ordering Information(1)
2 Applications
Device
Qty
Media
Package
Ship
•
Battery Management
CSD13306W
3000
7-Inch Reel
1.0 mm × 1.5 mm
Tape and
Wafer Level
•
Load Switch
Reel
CSD13306WT
250
7-Inch Reel
Package
•
Battery Protection
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
This 8.8 m
Ω, 12 V, N-Channel device is designed to
Absolute Maximum Ratings
deliver the lowest on resistance and gate charge in a
TA = 25°C
VALUE
UNIT
small 1 x 1.5 mm outline with excellent thermal
VDS
Drain-to-Source Voltage
12
V
characteristics and an ultra low profile.
VGS
Gate-to-Source Voltage
±10
V
ID
Continuous Drain Current(1)
3.5
A
Top View
IDM
Pulsed Drain Current (2)
44
A
PD
Power Dissipation(3)
1.9
W
Tstg
Storage Temperature Range
–55 to 150
°C
TJ
Operating Junction Temperature Range
(1) Device Operating at a temperature of 105ºC
(2) Min Cu Typ RθJA = 230ºC/W, Pulse width ≤100 μs, duty cycle
≤1%
(3) Max Cu Typ RθJA = 65ºC/W
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD13306WT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13306WT TI-CSD13306WT Datasheet
616Kb / 12P
CSD13306W 12 V N Channel NexFET??Power MOSFET
More results

Similar Description - CSD13306WT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W_15 Datasheet
1Mb / 17P
CSD13306W 12 V N Channel NexFETv Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
12-V P-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com