Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSFBW-9 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SFSFBW-9
Description  LP, SMA J TO SMA .0-6GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

SFSFBW-9 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SFSFBW-9 Datasheet HTML 1Page - Infinite Electronics International, Inc. SFSFBW-9 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DWR
2.04 51.8
.62 15.7
2X 1/4-36UNS-2A
5/8-24UNEF
CRIMP RING TERMINAL FOR
GROUNDING WIRE
LABEL 2003-3606
GAS
TUBE
SPLIT LOCK WASHER
HEX NUT
SMA JACK
.528 13.4
FLATS
SMA JACK
NOTES:
LIGHTNING PROTECTOR SHALL BE INDIVIDUALLY
1.
PACKAGED IN ACCORDANCE WITH L-COM PACKAGING
SPEC. PS-0031.
BRANDING IS L-COM, ALL BRANDING ELEMENTS
2.
PRESENT ON PRODUCT OR PACKAGING SHALL
BE L-COM.
REGULATORY COMPLIANCE:
3.
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
ELECTRICAL SPECIFICATIONS
FREQUENCY RANGE
0-6 GHz
VSWR
1 : 1.2MAX (0-6 GHz)
INSERTION LOSS
0.6 dB MAX (0-6 GHz)
IMPEDANCE
50 OHM
GAS TUBE BREAKDOWN
VOLTAGE
180 V 20%
MECHANICAL SPECIFICATIONS
CONNECTORS
SMA JACK TO SMA JACK
BULKHEAD
CONNECTOR BODY
MATERIAL
NICKEL PLATED BRASS
BODY MATERIAL
NICKEL PLATED BRASS
PIN MATERIAL
GOLD PLATED BRASS
O-RING
RUBBER
DIMENSIONS (MAX)
2.1 X 0.9 X 1.2 IN (53 X 23 X 31mm)
WEIGHT
0.25 LBS (0.11 kg)
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AL6-SFSFBW-9
B
1
2
HMB
4/10/20
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
4/15/20
4/10/20
A
B
PRODUCTION RELEASE
ADD LABEL DWG SHEET 2
4/28/2020
RTP
DWR
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
1:1
CAGE CODE
LP, SMA J TO SMA .0-6GHz
UNLESS OTHERWISE SPECIFIED,
DPM
COLOR VARIATIONS
MAY OCCUR
4/10/20
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: AL6-SFSFBW-9.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]
L-COM


Similar Part No. - SFSFBW-9

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Eravant
SFS-03-UEB ERAVANT-SFS-03-UEB Datasheet
435Kb / 3P
J-Band Subharmonically Pumped Mixer, 220 to 330 GHz
Rev 1.2
SFS-04-UEB ERAVANT-SFS-04-UEB Datasheet
265Kb / 2P
WR-04 Subharmonically Pumped Mixer, 170 to 260 GHz
Rev 1.1
SFS-08-N1 ERAVANT-SFS-08-N1 Datasheet
349Kb / 3P
F-Band Sub-harmonically Pumped Mixer, 90 to 140 GHz
Rev 1.0
SFS-08-N3 ERAVANT-SFS-08-N3 Datasheet
353Kb / 2P
F-Band Subharmonically Pumped Mixer, 90 to 140 GHz
Rev 1.1
More results

Similar Description - SFSFBW-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-1 PASTERNACK-PE7065-1_14 Datasheet
369Kb / 2P
0 to 7 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-2 PASTERNACK-PE7065-2_14 Datasheet
369Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-3 PASTERNACK-PE7065-3_14 Datasheet
369Kb / 2P
0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-4 PASTERNACK-PE7065-4_14 Datasheet
368Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-5 PASTERNACK-PE7065-5_14 Datasheet
369Kb / 2P
0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-6 PASTERNACK-PE7065-6_14 Datasheet
369Kb / 2P
0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-7 PASTERNACK-PE7065-7_14 Datasheet
368Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-9 PASTERNACK-PE7065-9_14 Datasheet
368Kb / 2P
0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
logo
Molex Electronics Ltd.
SD-73391-007 MOLEX-SD-73391-007 Datasheet
112Kb / 1P
SMA JACK VERTICAL PCB 50 OHMS SMA-J/PCB
2021/07/20
897614750 MOLEX-897614750 Datasheet
102Kb / 1P
CABLE ASSY, SMA JACK STRIGHT TO 113 CABLE CA-SMA/J-UFL
2010/07/07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com