Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP012DW Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # VDP012DW
Description  HyperLink Brand Weatherproof PTZ Camera Lightning and Surge Protector Model: AL-VDP Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VDP012DW Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  VDP012DW Datasheet HTML 1Page - Infinite Electronics International, Inc. VDP012DW Datasheet HTML 2Page - Infinite Electronics International, Inc. VDP012DW Datasheet HTML 3Page - Infinite Electronics International, Inc. VDP012DW Datasheet HTML 4Page - Infinite Electronics International, Inc. VDP012DW Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Standard Models
Models
Application
BNC Connectors
AL-VDP012DW
12V DC PTZ Cameras
Grounded
AL-VDP112DW
12V DC PTZ Cameras
Isolated
AL-VDP024DW
24V DC PTZ Cameras
Grounded
AL-VDP124DW
22V DC PTZ Cameras
Isolated
AL-VDP01228AW
12-28V AC PTZ Cameras
Grounded
AL-VDP11228AW
12-28V AC PTZ Cameras
Isolated
Specifications
Electrical Specifications – Video
Connectors
(2) BNC Female Jacks
Impedance
75 ohms Unbalanced
Insertion Loss DC-10 MHz
0.1 dB
Insertion Loss @ 75 MHz
3 dB
Protection Voltage
+/- 7.5 Volts Max.
Gas Discharge Tube
+/- 90 Volts Max.
Electrical Specifications – RS-485
Connectors
(2) Screw Terminal Blocks
Stage 1 Clamping Voltage
± 90 Volts
Stage 2 Resistance
3.3 Ohms
Stage 3 Clamping Voltage
± 7.5 Volts
Electrical Specifications – DC Power
Models:
AL-VDP012DW / AL-VDP112DW
AL-VDP024DW / AL-VDP124DW
Connectors
(2) Screw Terminal Blocks
Stage 1 Clamping Voltage
± 90 Volts
Stage 2 Current Rating
4 Amps
Stage 3
15 Volt TVS Diode
30 Volt TVS Diode
Electrical Specifications – AC Power
Models:
AL-VDP01228AW / AL-VDP11228AW
Connectors
(2) Screw Terminal Blocks
Stage 1 Clamping Voltage
± 90 Volts
Stage 2 Current Rating
4 Amps
Stage 3
47 Volt Varistor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com