Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP124DW Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # VDP124DW
Description  HyperLink Brand Weatherproof PTZ Camera Lightning and Surge Protector Model: AL-VDP Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

VDP124DW Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  VDP124DW Datasheet HTML 1Page - Infinite Electronics International, Inc. VDP124DW Datasheet HTML 2Page - Infinite Electronics International, Inc. VDP124DW Datasheet HTML 3Page - Infinite Electronics International, Inc. VDP124DW Datasheet HTML 4Page - Infinite Electronics International, Inc. VDP124DW Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Brand Weatherproof PTZ Camera Lightning and Surge Protector
Model: AL-VDP Series
Applications
•
Pan-Tilt-Zoom (PTZ) analog video cameras
Features
•
Individual protection circuits for analog video line, RS485
control lines and power lines
•
3-Stage protection provided for RS-485 and power lines
•
Video circuit available in isolated or grounded
versions
•
Available in AC or DC versions
•
NEMA rated enclosure with gasketed cover and
concealed mounting holes
Description
The HyperLink AL-VDP series are designed to provide superior lightning and surge protection for analog PTZ video
cameras. These protectors incorporate individual protection circuits for the analog video line, RS-485 control line
and AC/DC power lines. All housed in one NEMA rated weatherproof enclosure.
Analog Video Line
The video protection circuit is designed to protect 75 Ohm coaxial video lines connected to the AL-VDP via its BNC
connectors. This circuit utilizes an avalanche diode in concert with a low capacitance diode array. This design
minimizes capacitive loading of the line and provides improved frequency response over competitor’s models. The
AL-VDP0xxx series connects the coaxial cable shield to the unit’s ground terminal. The AL-VDP1xxx series offers
isolated BNC connectors and cable shields for equipment or installations prone to ground loops. The AL-VDP1xxx
series features a Gas Discharge Tube connected between the coaxial shield and the unit’s ground terminal. Right
angle BNC connectors provide easy hookup of the video lines.
RS-485 Control Line
A high power 3-stage design is used to provide protection for the PTZ camera’s RS-485 control line. The 3-stage
design can handle higher-level transients than a protector that uses only diodes. The first stage is comprised of a
differential gas discharge tube. Stage two is a pair of current limiting series resistors and the final stage is a low
capacitance diode array. The use of three terminal differential gas discharge tubes provides superior common and
differential mode protection against conducted transients versus the use of lower cost two terminal tubes. The
second stage series resistance limits the power dissipation of the fast diode clamp array in the third stage. This
allows time for the slower but higher power gas tubes to flash over. The diode array clamps the leading edge of
fast transients to safe levels until the high power gas tubes turn on. This eliminates the damaging leading edge


Similar Part No. - VDP124DW

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
VDP11228AW L-COM-VDP11228AW Datasheet
188Kb / 5P
HyperLink Brand Weatherproof PTZ Camera Lightning and Surge Protector Model: AL-VDP Series
VDP112DW L-COM-VDP112DW Datasheet
188Kb / 5P
HyperLink Brand Weatherproof PTZ Camera Lightning and Surge Protector Model: AL-VDP Series
More results

Similar Description - VDP124DW

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Level One
FCS-1041 LVL1-FCS-1041 Datasheet
615Kb / 4P
PTZ Network Camera
FCS-4041 LVL1-FCS-4041 Datasheet
1Mb / 6P
PTZ Dome Network Camera
FCS-4042 LVL1-FCS-4042 Datasheet
793Kb / 5P
PTZ Dome Network Camera
FCS-4044 LVL1-FCS-4044 Datasheet
914Kb / 5P
PTZ Dome Network Camera
FCS-4301 LVL1-FCS-4301 Datasheet
520Kb / 4P
PTZ Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
PTZ Dome Network Camera
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
392Kb / 1P
10/100BaseT(X) Ethernet Surge and Lightning Protector
logo
Microsemi Corporation
PD-OUT MICROSEMI-PD-OUT Datasheet
1Mb / 2P
Outdoor PoE Lightning Surge Protector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com