Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD87384M
Description  CSD87384M Synchronous Buck NexFET™ Power Block II
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87384M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 2Page - Texas Instruments CSD87384M Datasheet HTML 3Page - Texas Instruments CSD87384M Datasheet HTML 4Page - Texas Instruments CSD87384M Datasheet HTML 5Page - Texas Instruments CSD87384M Datasheet HTML 6Page - Texas Instruments CSD87384M Datasheet HTML 7Page - Texas Instruments CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments CSD87384M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0.3
0.8
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−3.3
−1.7
0
1.7
3.3
5
6.7
8.3
Output Voltage (V)
VIN = 12V
VGS = 5V
fSW = 500kHz
LOUT = 0.29µH
IOUT = 30A
G001
0
100 200 300 400 500 600 700 800 900 1000 1100
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
1.07
−0.34
−0.25
−0.17
−0.08
0
0.08
0.17
0.25
0.34
0.42
0.51
0.59
Output Inductance (nH)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
IOUT = 30A
G001
0
200
400
600
800
1000 1200 1400 1600 1800
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−2.5
−1.7
−0.8
0.0
0.8
1.7
2.5
3.4
4.2
5.1
Switching Frequency (kHz)
VIN = 12V
VGS = 5V
VOUT = 1.3V
LOUT = 0.29µH
IOUT = 30A
G001
0
2
4
6
8
10
12
14
16
18
20
22
24
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
−0.4
0.0
0.4
0.8
1.3
1.7
2.1
2.5
3.0
Input Voltage (V)
VGS = 5V
VOUT = 1.3V
LOUT = 0.29µH
fSW = 500kHz
IOUT = 30A
G001
CSD87384M
SLPS415D – SEPTEMBER 2013 – REVISED MARCH 2015
www.ti.com
Typical Power Block Device Characteristics (continued)
TJ = 125°C, unless stated otherwise. For Figure 3 and Figure 4, the Typical Power Block System Characteristic curves are
based on measurements made on a PCB design with dimensions of 4.0 inches (W) × 3.5 inches (L) × 0.062 inch (H) and 6
copper layers of 1 oz. copper thickness. See Application and Implementation for detailed explanation.
Figure 5. Normalized Power Loss vs Switching Frequency
Figure 6. Normalized Power Loss vs Input Voltage
Figure 7. Normalized Power Loss vs Output Voltage
Figure 8. Normalized Power Loss vs Output Inductance
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com