Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD87381P.B
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381P.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD87381P.B Datasheet HTML 3Page - Texas Instruments CSD87381P.B Datasheet HTML 4Page - Texas Instruments CSD87381P.B Datasheet HTML 5Page - Texas Instruments CSD87381P.B Datasheet HTML 6Page - Texas Instruments CSD87381P.B Datasheet HTML 7Page - Texas Instruments CSD87381P.B Datasheet HTML 8Page - Texas Instruments CSD87381P.B Datasheet HTML 9Page - Texas Instruments CSD87381P.B Datasheet HTML 10Page - Texas Instruments CSD87381P.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
Qg - Gate Charge (nC)
ID = 8A
VDS =15V
G001
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
Qg - Gate Charge - nC (nC)
ID = 8A
VDS = 15V
G001
0.00001
0.0001
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
VDS - Drain-to-Source Voltage (V)
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
G001
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
VDS - Drain-to-Source Voltage (V)
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
G001
CSD87381P
www.ti.com
SLPS405F – MARCH 2013 – REVISED MARCH 2015
5.7 Typical Power Block MOSFET Characteristics
TA = 25°C, unless stated otherwise.
Figure 9. Control MOSFET Saturation
Figure 10. Sync MOSFET Saturation
Figure 11. Control MOSFET Transfer
Figure 12. Sync MOSFET Transfer
Figure 13. Control MOSFET Gate Charge
Figure 14. Sync MOSFET Gate Charge
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com