Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1280IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC1280IPWR
Description  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1280IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC1280IPWR Datasheet HTML 9Page - Texas Instruments DAC1280IPWR Datasheet HTML 10Page - Texas Instruments DAC1280IPWR Datasheet HTML 11Page - Texas Instruments DAC1280IPWR Datasheet HTML 12Page - Texas Instruments DAC1280IPWR Datasheet HTML 13Page - Texas Instruments DAC1280IPWR Datasheet HTML 14Page - Texas Instruments DAC1280IPWR Datasheet HTML 15Page - Texas Instruments DAC1280IPWR Datasheet HTML 16Page - Texas Instruments DAC1280IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
103kW
+5V
Reference
+V
-2.5V
VREF
RREF
AVSS
Power-down
Switch
Current
used to
set Full-Scale
0.1 F
m
(1)
117kW
R
30k
REF
W
DAC1280
www.ti.com
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
Table 1. DAC1280 Ideal Output Scaling(1)
TDATA 1s DENSITY (%)
IOUTP – IOUTN (mA)
VP – VN (V)
25
–1250
● Gain
–2.5
● Gain
37.5
–625
● Gain
–1.25
● Gain
50
0
0
62.5
+625
● Gain
+1.25
● Gain
75
+1250
● Gain
+2.5
● Gain
(1)
VREF = 5V, RREF = 30kΩ, external current-to-voltage converter resistors = 2kΩ. Output current and
voltage are differential. Excludes the effects of DAC1280 offset, gain and linearity errors, errors in
reference voltage, errors as a result of external resistors, and errors from the external
current-to-voltage conversion. Refer to Figure 27.
VREF Reference Voltage Input
RREF Reference Resistor
The DAC1280 requires an external reference for
A 30k
Ω resistor, connected from VREF to AVSS, is
operation. The reference voltage of the DAC1280 is
required for operation. This resistor, in combination
defined as the voltage difference between VREF and
with VREF, is used to set the DAC full-scale output.
AVSS (that is, VREF = VREF – AVSS). The DAC1280
The resistor can be used to fine-trim the DAC gain by
output directly scales with VREF; consequently, noise
changing the value from the nominal 30k
Ω. See the
or drift on the reference appear at the DAC1280
Output Scaling section for more information.
output. A low-drift and low-noise precision reference
The external resistor accuracy and temperature drift
is recommended for best performance.
directly affect the DAC1280 output accuracy. A
For best layout, connect the ground pin of the
low-drift, precision resistor is recommended for best
external reference directly to the AVSS terminal to
performance. Connect the resistor directly to the
minimize possible crosstalk. A recommended 0.1mF
RREF and AVSS pins using short and direct traces.
ceramic capacitor connected directly across VREF
Keep RREF stray capacitance to a minimum. Refer to
and AVSS reduces noise susceptibility.
Figure 29 for the reference input connection.
Figure 29 shows the reference input voltage and
reference resistor connection to the DAC1280. The
DAC1280 loads VREF with 220k
Ω. The 220kΩ
resistor disconnects in power-down mode.
(1)
Recommended noise capacitor.
Figure 29. Reference Input Connection
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com