Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8802IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC8802IPW
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802IPW Datasheet(HTML) 4 Page - Texas Instruments

  DAC8802IPW Datasheet HTML 1Page - Texas Instruments DAC8802IPW Datasheet HTML 2Page - Texas Instruments DAC8802IPW Datasheet HTML 3Page - Texas Instruments DAC8802IPW Datasheet HTML 4Page - Texas Instruments DAC8802IPW Datasheet HTML 5Page - Texas Instruments DAC8802IPW Datasheet HTML 6Page - Texas Instruments DAC8802IPW Datasheet HTML 7Page - Texas Instruments DAC8802IPW Datasheet HTML 8Page - Texas Instruments DAC8802IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SDI
CLK
CS
LDAC
tCSS
tds
tdh
tch
tcl
tcsh
Input REG. LD
tlds
tLDAC
tLDH
A1
A0
D13 D12 D11 D10
D1
D0
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 2.7 V to 5.5 V, IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B = 10 V, TA = full operating temperature range, unless
otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CHARACTERISTICS
Power supply range
VDD RANGE
2.7
5.5
V
Logic inputs = 0 V, VDD = 4.5 V to 5.5 V
2
5
µA
Positive supply current
IDD
Logic inputs = 0 V, VDD = 2.7 V to 3.6 V
1
2.5
µA
Power dissipation
PDISS
Logic inputs = 0 V
0.0275
mW
Power supply sensitivity
PSS
∆V
DD = ±5%
0.006
%
AC CHARACTERISTICS(5)(6)
To
±0.1% of full-scale,
µs
0.3
Data = 0000h to 3FFFh to 0000h
Output voltage settling time
ts
To
±0.006% of full-scale,
µs
0.5
Data = 0000h to 3FFFh to 0000h
Reference multiplying BW
BW –3 dB
VREFX = 100 mVRMS, Data = 3FFFh, CFB = 3 pF
10
MHz
DAC glitch impulse
Q
VREFX = 10 V, Data = 1FFFh to 2000h to 1FFFh
5
nV/s
Feedthrough error
VOUTX/VREFX
Data = 0000h, VREFX = 100 mVRMS, f = 100 kHz
–70
dB
Data = 0000h, VREFB = 100 mVRMS,
dB
Crosstalk error
VOUTA/VREFB
–100
Adjacent channel, f = 100 kHz
Digital feedthrough
Q
CS = 1 and fCLK = 1 MHz
1
nV/s
Total harmonic distortion
THD
VREF = 5 VPP, Data = 3FFFh, f = 1 kHz
–105
dB
Output spot noise voltage
en
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
(5)
These parameters are specified by design and not subject to production testing.
(6)
All ac characteristic tests are performed in a closed-loop system using an THS4011 I-to-V converter amplifier.
Figure 1. DAC8802 Timing Diagram
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com