Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV201AYMBRB Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV201AYMBRB
Description  DRV201A Voice Coil Motor Driver for Camera Auto Focus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV201AYMBRB Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV201AYMBRB Datasheet HTML 18Page - Texas Instruments DRV201AYMBRB Datasheet HTML 19Page - Texas Instruments DRV201AYMBRB Datasheet HTML 20Page - Texas Instruments DRV201AYMBRB Datasheet HTML 21Page - Texas Instruments DRV201AYMBRB Datasheet HTML 22Page - Texas Instruments DRV201AYMBRB Datasheet HTML 23Page - Texas Instruments DRV201AYMBRB Datasheet HTML 24Page - Texas Instruments DRV201AYMBRB Datasheet HTML 25Page - Texas Instruments DRV201AYMBRB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
1µF
DRV201A
SLVSBN6A – JUNE 2013 – REVISED AUGUST 2015
www.ti.com
9 Power Supply Recommendations
The DRV201A device is designed to operate from an input voltage supply, VBAT, range between 2.5 and 4.8 V.
The user must place at least a 1-uF ceramic bypass capacitor rated for a minimum of 6.3 V as close as possible
to VBAT and GND pin.
10 Layout
10.1 Layout Guidelines
The VBAT pin should be bypassed to GND using a low-ESR ceramic bypass capacitor with a recommended
value of at least 1-µF rated for a minimum of 6.3 V. Place this capacitor as close to the VBAT and GND pins as
possible with a thick trace or ground plane connection to the device GND pin.
10.2 Layout Example
Figure 20. Recommended Layout Example
22
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DRV201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com