Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTB32 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ACTB32
Description  Automotive Relays TB RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTB32 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ACTB32 Datasheet HTML 4Page - Panasonic Semiconductor ACTB32 Datasheet HTML 5Page - Panasonic Semiconductor ACTB32 Datasheet HTML 6Page - Panasonic Semiconductor ACTB32 Datasheet HTML 7Page - Panasonic Semiconductor ACTB32 Datasheet HTML 8Page - Panasonic Semiconductor ACTB32 Datasheet HTML 9Page - Panasonic Semiconductor ACTB32 Datasheet HTML 10Page - Panasonic Semiconductor ACTB32 Datasheet HTML 11Page - Panasonic Semiconductor ACTB32 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Automotive Relays TB RELAYS
1 Form A type
Pin in Paste compliant type
COM
N.O.
COIL
COIL
* The lamp control type has
polarized contacts.
Connect N.O. to the “+ (plus)”
side.
8.4
4
2×1.6 dia.
2×1.1 dia.
Tolerance: ± 0.1
14±0.5
9.2±0.5
8.4
4
(0.8)
0.4
+0.3
ー0.1
0.6
+0.3
ー0.1
0.3
+0.3
ー0.1
0.3
+0.3
ー0.1
0.3
+0.3
ー0.1
1.2
+0.3
ー0.1
Pre-soldering (all terminals)
A surface
level
Air hole
* Dimensions (thickness and width) of terminal is measured after pre-soldering.
Intervals between terminals is measured at A surface level.
Tolerance
Max. 1 mm: ± 0.1
1 to 3 mm : ± 0.2
Min. 3 mm : ± 0.3
CAD
External dimensions
PC board pattern
(BOTTOM VIEW)
Schematic
(BOTTOM VIEW)
1 Form C type
Pin in Paste compliant type
14±0.5
9.2±0.5
8.4
4
(0.8)
0.4
+0.3
ー0.1
0.6
+0.3
ー0.1
0.3
+0.3
ー0.1
0.3
+0.3
ー0.1
0.3
+0.3
ー0.1
1.2
+0.3
ー0.1
Pre-soldering (all terminals)
A surface
level
Air hole
* Dimensions (thickness and width) of terminal is measured after pre-soldering.
Intervals between terminals is measured at A surface level.
Tolerance
Max. 1 mm: ± 0.1
1 to 3 mm : ± 0.2
Min. 3 mm : ± 0.3
CAD
External dimensions
COM
N.O.
N.C.
COIL
COIL
* The lamp control type has
polarized contacts.
Connect N.O. to the “+ (plus)”
side.
8.4
4
3×1.6 dia.
2×1.1 dia.
Tolerance: ± 0.1
PC board pattern
(BOTTOM VIEW)
Schematic
(BOTTOM VIEW)
ASCTB95E 202204
Panasonic Industry Co., Ltd. 2022
ー 7 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com