Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTB33 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ACTB33
Description  Automotive Relays TB RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTB33 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ACTB33 Datasheet HTML 1Page - Panasonic Semiconductor ACTB33 Datasheet HTML 2Page - Panasonic Semiconductor ACTB33 Datasheet HTML 3Page - Panasonic Semiconductor ACTB33 Datasheet HTML 4Page - Panasonic Semiconductor ACTB33 Datasheet HTML 5Page - Panasonic Semiconductor ACTB33 Datasheet HTML 6Page - Panasonic Semiconductor ACTB33 Datasheet HTML 7Page - Panasonic Semiconductor ACTB33 Datasheet HTML 8Page - Panasonic Semiconductor ACTB33 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ASCTB95E 202204
FEATURES
Compact and high-capacity 25 A load switching
Wide line-up
Pin in Paste compliant model added.
Miniature PC Board, Twin/1 Form C Type Automotive Relay
TB RELAYS
Automotive Relays
TYPICAL APPLICATIONS
Powered windows, Automatic door locks, Powered
mirrors, Powered sunroof, Powered seats, Lift gates
and Slide door closers, etc.
< Protective construction >
Standard type/High heat-resistant type: Sealed
Pin in Paste compliant type: Flux tight
( Unit: mm )
14
14
13.5
13.5
14
14
13.5
13.5
9.2
9.2
17.4
17.4
14
14
14
14
14
14
14
14
9.2
9.2
17.4
17.4
ORDERING INFORMATION (PART NO.)
ACTB
Contact arrangement
1: 1 Form A
2: 1 Form C
3: 1 Form C × 2 ( 8 pins )
5: 1 Form C × 2 ( 10 pins )
Contact type
Nil: Standard type
L: Lamp control type
C: Standard type ( Ag alloy / Cu clad )
Heat resistance / Protective construction
Nil: Standard type / Sealed
H: High heat-resistant type / Sealed
R: Pin in Paste compliant type / Flux tight
Coil resistance
1: 100 Ω
2: 160 Ω
3: 225 Ω
Panasonic Industry Co., Ltd. 2022
ー 1 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com